Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 1 Page - NXP Semiconductors

  FS6408 Datasheet HTML 1Page - NXP Semiconductors FS6408 Datasheet HTML 2Page - NXP Semiconductors FS6408 Datasheet HTML 3Page - NXP Semiconductors FS6408 Datasheet HTML 4Page - NXP Semiconductors FS6408 Datasheet HTML 5Page - NXP Semiconductors FS6408 Datasheet HTML 6Page - NXP Semiconductors FS6408 Datasheet HTML 7Page - NXP Semiconductors FS6408 Datasheet HTML 8Page - NXP Semiconductors FS6408 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
Document Number: MC34FS6407-08
Rev. 3.0, 7/2016
NXP Semiconductors
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© 2016 NXP B.V.
Power system basis chip with high
speed can transceiver
The FS6407/FS6408 SMARTMOS devices area multi-output, power supply,
integrated circuit, including HSCAN transceiver, dedicated to the industrial
market.
Multiple switching and linear voltage regulators, including low-power mode
(32
μA) are available with various wake-up capabilities. An advanced power
management scheme is implemented to maintain high efficiency over wide input
voltages (down to 2.7 V) and wide output current ranges (up to 1.5 A).
The FS6407/FS6408 include enhanced safety features, with multiple fail-safe
outputs, becoming a full part of a safety oriented system partitioning, to reach a
high integrity safety level.
The built-in enhanced high-speed CAN interface fulfills the ISO11898-2 and -5
standards.
Features
• Highly flexible SMPS pre-regulator, allowing two topologies: non-inverting
buck-boost and standard buck
• Switching mode power supply (SMPS) dedicated to MCU core supply, from
1.2 V to 3.3 V delivering up to 1.5 A
• Multiple wake-up sources in low-power mode: CAN and/or IOs
• Six configurable I/Os
• Linear voltage regulator dedicated to auxiliary functions, or to a sensor supply
(VCCA tracker or independent), 5.0 V or 3.3 V
• Linear voltage regulator dedicated to MCU A/D reference voltage or I/Os
supply (VCCA), 5.0 V or 3.3 V
Figure 1. FS6407/FS6408 simplified application diagram - buck boost configuration
POWER SYSTEM BASIS CHIP
FS6407
FS6408
AE SUFFIX (PB-FREE)
98ASA00173D
48-PIN LQFP-EP
Applications
• Automation (PLC, robotics)
• Building control (lift)
• Transportation (mobile machine, military)
• Medical (Infusion pump, stairs)
VAUX_E
VAUX_B
VAUX
CAN-5V
MOSI
MISO
SCLK
NCS
RXD
TXD
CANH
CANL
SELECT
INTB
RSTB
FS0B
DEBUG
IO_0
IO_1
IO_2
IO_3
IO_4
IO_5
GND_COM
VDDIO
CAN BUS
VDDIO
Vpre
DEBUG
mode
GNDA
DGND
Vcore or
Vcca
FB_CORE
VCCA_E
VCCA_B
VCCA
VSENSE
COMP_CORE
VCORE_SNS
VSUP3
Input
supply
VDDIO
MUX_OUT
Vaux
Vcca
MCU
SPI
VDD
ADC Input
AD ref.
voltage
NMI
Reset
FCCU
34FS6407
34FS6408
CAN
Ignition
VDD


Similar Part No. - FS6408

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
FS6400 SYNOLOGY-FS6400 Datasheet
705Kb / 8P
FlashStation FS6400
More results

Similar Description - FS6408

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
System Basis Chip With High Speed CAN Transceiver
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
System Basis Chip with High Speed CAN Transceiver
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
33989 FREESCALE-33989 Datasheet
2Mb / 66P
System Basis Chip with High-Speed CAN Transceiver
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
High-speed CAN core system basis chip
Rev. 02-27 May 2010
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com