Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 6Page - NXP Semiconductors FS6408 Datasheet HTML 7Page - NXP Semiconductors FS6408 Datasheet HTML 8Page - NXP Semiconductors FS6408 Datasheet HTML 9Page - NXP Semiconductors FS6408 Datasheet HTML 10Page - NXP Semiconductors FS6408 Datasheet HTML 11Page - NXP Semiconductors FS6408 Datasheet HTML 12Page - NXP Semiconductors FS6408 Datasheet HTML 13Page - NXP Semiconductors FS6408 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
10
NXP Semiconductors
FS6407/FS6408
4.2
Static electrical characteristics
Table 4. Operating range
TCASE = -40 °C to 125 °C, unless otherwise specified. VSUP = VSUP_UV_L to 36 V, unless otherwise specified. All voltages referenced to
ground.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Power supply
ISUP123
Power Supply Current in Normal Mode (VSUP > VSUP_UV_7)
2.0
–
13.0
mA
ISUP3
Power Supply Current for VSUP3 in Normal Mode (VSUP > VSUP_UV_7)–
3.5
5.0
mA
ISUP_LPOFF1
Power Supply Current in LPOFF (VSUP = 14 V at TA = 25 °C)
–
32
–
µA
ISUP_LPOFF2
Power Supply Current in LPOFF (VSUP = 18 V at TA = 80 °C)
–
42
60
µA
VSNS_UV
Power Supply Undervoltage Warning
–
8.5
–
V
VSNS_UV_HYST
Power Supply Undervoltage Warning Hysteresis
0.1
–
–
V
VSUP_UV_7
Power Supply Undervoltage Lockout (power-up)
7.0
–
8.0
V
VSUP_UV_5
Power Supply Undervoltage Lockout (power-up)
–
–
5.6
V
VSUP_UV_L
Power Supply Undervoltage Lockout (falling - Boost config.)
–
–
2.7
V
VSUP_UV_L_B
Power Supply Undervoltage Lockout (falling - Buck config.)
–
–
4.6
V
(7)
VSUP_UV_HYST
Power Supply Undervoltage Lockout Hysteresis
–
0.1
–
V
(8)
VPRE voltage pre-regulator
VPRE
VPRE Output Voltage
• Buck mode (VSUP > VSUP_UV_7)
• Buck mode (VSUP_UV_7 ≥ VSUP ≥ 4.6 V)
• Boost mode (VSUP ≥ 2.7 V)
6.25
VPRE_UV_4
P3
6.0
–
VSUP -
RDSON_PR
E * IPRE
–
6.75
–
7.0
V
IPRE
VPRE Maximum Output Current Capability
• Buck or Boost with VSUP > VSUP_UV_7
• Buck with VSUP_UV_7 ≥ VSUP ≥ 4.6 V
• Boost with VSUP_UV_7 ≥ VSUP ≥ 6.0 V
• Boost with 6.0 V
≥ VSUP ≥ 4.0 V
• Boost with 4.0 V
≥ VSUP ≥ 2.7 V
–
0.5
–
1.0
0.3
–
–
–
–
–
1.7
1.7
1.7
–
–
A
(8)
IPRE_LPOFF
VPRE Maximum Output Current Capability in LPOFF at low VSUP
voltage
• Buck with VSUP_UV_7 ≥ VSUP ≥ 4.6 V
• Boost with VSUP_UV_7 ≥ VSUP ≥ 6.0 V
• Boost with 6.0 V
≥ VSUP ≥ 4.0 V
• Boost with 4.0 V
≥ VSUP ≥ 2.7 V
0.05
1.7
1.0
0.3
–
–
–
–
–
–
–
–
A
(8)
IPRE_LIM
VPRE Output Current Limitation
3.5
–
–
A
IPRE_OC
VPRE Overcurrent Detection Threshold (in buck mode only)
5.0
–
–
A
VPRE_UV
VPRE Undervoltage Detection Threshold (Falling)
5.5
–
6.0
V
Notes
7.
VSUP_UV_L_B = VPRE_UV_4P3 + RDSON_PRE * IPRE
8.
Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com