Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 61Page - NXP Semiconductors FS6408 Datasheet HTML 62Page - NXP Semiconductors FS6408 Datasheet HTML 63Page - NXP Semiconductors FS6408 Datasheet HTML 64Page - NXP Semiconductors FS6408 Datasheet HTML 65Page - NXP Semiconductors FS6408 Datasheet HTML 66Page - NXP Semiconductors FS6408 Datasheet HTML 67Page - NXP Semiconductors FS6408 Datasheet HTML 68Page - NXP Semiconductors FS6408 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 111 page
background image
NXP Semiconductors
65
FS6407/FS6408
7.2.2
Secured SPI command
Some SPI commands must be secured to avoid unwanted change of the critical bits. In the fail-safe machine and in the main state
machine, the secured bits are calculated from the data bits sent as follows:
• Secure 3 = NOT(Bit5)
• Secure 2 = NOT(Bit4)
• Secure 1 = Bit7
• Secure 0 = Bit6
INIT FSSM#2
1
00101
#37(25h)
Write during INIT phase then Read only
Table 69
WD_Window
1
00110
#38(26h)
Write (No restriction) and Read
Table 71
WD_LFSR
1
00111
#39(27h)
Write (No restriction) and Read
Table 73
WD_answer
1
01000
#40(28h)
Write (No restriction) and Read
Table 75
FS_OUT
1
01001
#41(29h)
Write (No restriction)
Table 77
RSTb request
1
01010
#42(2Ah)
Write (No restriction)
Table 79
INIT WD
1
01011
#43(2Bh)
Write during INIT phase then Read only
Table 81
Diag FS1
1
01100
#44(2Ch)
Read only
Table 83
WD_Counter
1
01101
#45(2Dh)
Read only
Table 85
Diag_FS2
1
01110
#46(2Eh)
Read only
Table 87
Table 16. Secured SPI
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Data 3
Data 2
Data 1
Data 0
Secure 3
Secure2
Secure 1
Secure 0
Table 15. Register mapping of fail-safe logic (continued)
Register
Address
Write description
Table ref.
FS/M
A4
A3
A2
A1
A0
Hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com