Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 4Page - NXP Semiconductors FS6408 Datasheet HTML 5Page - NXP Semiconductors FS6408 Datasheet HTML 6Page - NXP Semiconductors FS6408 Datasheet HTML 7Page - NXP Semiconductors FS6408 Datasheet HTML 8Page - NXP Semiconductors FS6408 Datasheet HTML 9Page - NXP Semiconductors FS6408 Datasheet HTML 10Page - NXP Semiconductors FS6408 Datasheet HTML 11Page - NXP Semiconductors FS6408 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
8
NXP Semiconductors
FS6407/FS6408
4
General product characteristics
4.1
Maximum ratings
Table 3. Maximum ratings
All voltages are with respect to ground, unless otherwise specified. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Ratings
Value
Unit
Notes
Electrical ratings
VSUP1/2/3
DC Voltage at Power Supply Pins
-1.0 to 40
V
(2)
VSENSE
DC Voltage at Battery Sense Pin
-14 to 40
V
VSW1,2
DC Voltage at SW_PRE1 and SW_PRE2 Pins
-1.0 to 40
V
VPRE
DC Voltage at VPRE Pin
-0.3 to 8
V
VGATE_LS
DC Voltage at Gate_LS pin
-0.3 to 8
V
VBOOT_PRE
DC Voltage at BOOT_PRE pin
-1.0 to 50
V
VSW_CORE
DC Voltage at SW_CORE pin
-1.0 to 8.0
V
VCORE_SNS
DC Voltage at VCORE_SNS pin
0.0 to 8.0
V
VBOOT_CORE
DC Voltage at BOOT_CORE pin
0.0 to 15
V
VFB_CORE
DC Voltage at FB_CORE pin
-0.3 to 2.5
V
VCOMP_CORE
DC Voltage at COMP_CORE pin
-0.3 to 2.5
V
VAUX_E,B
DC Voltage at VAUX_E, VAUX_B pin
-0.3 to 40
V
VAUX
DC Voltage at VAUX pin
-2.0 to 40
V
VCCA_B,E
DC Voltage at VCCA_B, VCCA_E pin
-0.3 to 8.0
V
VCCA
DC Voltage at VCCA pin
-0.3 to 8.0
V
VDDIO
DC Voltage at VDDIO
-0.3 to 8.0
V
VFS0
DC Voltage at FS0B (with ext R mandatory)
-0.3 to 40
V
VDEBUG
DC Voltage at DEBUG
-0.3 to 40
V
VIO_0,1,4,5
DC Voltage at IO_0:1; 4:5 (with ext R = 5.1 k
Ω in series mandatory)
-0.3 to 40
V
VDIG
DC Voltage at INTB, RSTB, MISO, MOSI, NCS, SCLK, MUX_OUT, RXD, TXD,
IO_2, IO_3
-0.3 to VDDIO+0.3
V
VSELECT
DC Voltage at SELECT
-0.3 to 8.0
V
VBUS_CAN
DC Voltage on CANL, CANH
-27 to 40
V
VCAN_5V
DC Voltage on CAN_5 V
-0.3 to 8.0
V
I_IO0, 1, 4, 5
IOs Maximum Current Capability(IO_0, IO_1, IO_4, IO_5)
-5.0 to 5.0
mA
Notes
2.
All VSUPS (VSUP1/2/3) must be connected to the same supply (Figure 49)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com