Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 45Page - NXP Semiconductors FS6408 Datasheet HTML 46Page - NXP Semiconductors FS6408 Datasheet HTML 47Page - NXP Semiconductors FS6408 Datasheet HTML 48Page - NXP Semiconductors FS6408 Datasheet HTML 49Page - NXP Semiconductors FS6408 Datasheet HTML 50Page - NXP Semiconductors FS6408 Datasheet HTML 51Page - NXP Semiconductors FS6408 Datasheet HTML 52Page - NXP Semiconductors FS6408 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
NXP Semiconductors
49
FS6407/FS6408
Figure 33. VCORE buck regulator
6.7.2.1
Light load condition
In order to improve the converter efficiency and avoid any unwanted output voltage increase, VCORE voltage regulator operates in Pulse
Skipping mode during light load condition. The principle is the same as the VPRE implementation described in details in Light load
condition.
6.7.2.2
Current limitation
A current limitation is implemented to avoid uncontrolled power dissipation inside the device (duty cycle control) and limits the current
below ICORE_LIM. The current limitation is banked when the pass transistor is switched ON during TCORE_BLK_LIM to avoid parasite
detection. When ICORE_LIM threshold is reached, the high-side integrated MOSFET is switched OFF. The MOSFET is not switched ON
again before the next rising edge of the switching clock.
The current limitation induces a duty cycle reduction and leads to the VCORE output voltage to fall down gradually, which may cause an
undervoltage condition and bring the device into the Fail-safe state. The current limitation does not switch OFF the regulator.
6.7.2.3
Voltage monitoring
The overvoltage detection switches OFF the regulator. The regulator remains ON in case of undervoltage detection. Diagnostic is reported
in the dedicated register, generate an Interrupt and may bring the application in Fail-safe state depending on the supervisor configuration
(registers INIT SUPERVISOR 1, 2, 3).
6.7.2.4
VCORE efficiency
VCORE efficiency versus current load is given for information based on typical external component criteria described in the table close to
the graph and at two different VCORE voltages (3.3 V, and 1.2 V) covering most of the 32-bit MCU supply range. The efficiency is valid
above 200 mA load on VCORE in order to be in continuous mode in the 2.2 µH inductor. The efficiency is calculated and has to be verified
by measurement at application level. One of the major contributor degrading the efficiency at VCORE = 1.2 V is the external diode during
the recirculation phase. Lower the diode forward voltage (VF) is, the better the efficiency.
FB_CORE
COMP_CORE
VCORE_SNS
L_Vcore
R3
R4
C1
R1
PGND
PGND
PGND
PGND
PGND
GND
ESR cap.
<100m
Ω
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com