Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6408 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 2Page - NXP Semiconductors FS6408 Datasheet HTML 3Page - NXP Semiconductors FS6408 Datasheet HTML 4Page - NXP Semiconductors FS6408 Datasheet HTML 5Page - NXP Semiconductors FS6408 Datasheet HTML 6Page - NXP Semiconductors FS6408 Datasheet HTML 7Page - NXP Semiconductors FS6408 Datasheet HTML 8Page - NXP Semiconductors FS6408 Datasheet HTML 9Page - NXP Semiconductors FS6408 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 111 page
background image
6
NXP Semiconductors
FS6407/FS6408
10
11
IO_4:5
D_IN
A_OUT
Can be used as digital input (load dump proof) with wake-up capability or as an output gate driver
Digital input: Pin status can be read through the SPI. Can be used to monitor error signals from another
IC for safety purposes.
Wake-up capability: Can be selectable to wake-up on a rising or falling edge, or on a transition
Output gate driver: Can drive a logic level low-side NMOS transistor. Controlled by the SPI.
12
13
IO_0:1
A_IN
D_IN
Can be used as analog or digital input (load dump proof) with wake-up capability (selectable)
Analog input: Pin status can be read through the MUX output pin
Digital input: Pin status can be read through the SPI. Can be used to monitor error signals from another
IC for safety purposes
Wake-up capability: Can be selectable to wake-up on a rising or falling edge, or on a transition
Rk: For safety purposes, IO_1 can also be used to monitor the middle point of a redundant resistor bridge
connected on VCORE (in parallel to the one used to set the Vcore voltage).
14
FS0B
D_OUT
Output of the safety block (active low). The pin is asserted low at start-up and when a fault condition is
detected. Open drain structure.
15
DEBUG
D_IN
Debug mode entry input
16
AGND
GROUND Analog ground connection
17
MUX_OUT
A_OUT
Multiplexed output to be connected to an MCU ADC input. Selection of the analog parameter is available
at MUX-OUT through the SPI.
18
19
IO_2:3
D_IN
Digital input pin with wake-up capability (logic level compatible)
Digital INPUT: Pin status can be read through the SPI. Can be used to monitor error signals from MCU for
safety purposes.
Wake-up capability: Can be selectable to wake-up on a rising or falling edge, or on a transition.
20
TXD
D_IN
Transceiver input from the MCU which controls the state of the HSCAN bus. Internal pull-up to VDDIO.
Internal pull-up to VDDIO.
21
RXD
D_OUT
Receiver output which reports the state of the HSCAN bus to the MCU
24
RSTB
D_OUT
This output is asserted low when the safety block reports a failure. The main function is to reset the MCU.
Reset input voltage is also monitored in order to detect external reset and fault condition. Open drain
structure.
25
MISO
D_OUT
SPI bus. Master Input Slave Output
26
MOSI
D_IN
SPI bus. Master Output Slave Input
27
SCLK
D_IN
SPI Bus. Serial clock
28
NCS
D_IN
No Chip Select (Active low)
29
INTB
D_OUT
This output pin generates a low pulse when an Interrupt condition occurs. Pulse duration is configurable.
Internal pull-up to VDDIO.
30
VDDIO
A_IN
Input voltage for MISO output buffer. Allows voltage compatibility with MCU I/Os.
31
SELECT
D_IN
Hardware selection pin for VAUX and VCCA output voltages
32
FB_CORE
A_IN
VCORE voltage feedback. Input of the error amplifier.
33
COMP_CORE
A_IN
Compensation network. Output of the error amplifier.
34
VCORE_SNS
A_IN
VCORE output voltage sense
35
SW_CORE
A_IN
VCORE switching point
36
BOOT_CORE A_IN/OUT Bootstrap capacitor for VCORE internal NMOS gate drive
37
VPRE
A_OUT
VPRE output voltage
38
VAUX
A_OUT
VAUX output voltage. External PNP ballast transistor. Collector connection
39
VAUX_B
A_OUT
VAUX voltage regulator. External PNP ballast transistor. Base connection
40
VAUX_E
A_OUT
VAUX voltage regulator. External PNP ballast transistor. Emitter connection
41
VCCA_E
A_OUT
VCCA voltage regulator. External PNP ballast transistor. Emitter connection
42
VCCA_B
A_OUT
VCCA voltage regulator. External PNP ballast transistor. Base connection
Table 2. FS6407/FS6408 pin definition (continued)
Pin Number
Pin Name
Type
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com