Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 38 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 34Page - Analog Devices AD9380/PCB Datasheet HTML 35Page - Analog Devices AD9380/PCB Datasheet HTML 36Page - Analog Devices AD9380/PCB Datasheet HTML 37Page - Analog Devices AD9380/PCB Datasheet HTML 38Page - Analog Devices AD9380/PCB Datasheet HTML 39Page - Analog Devices AD9380/PCB Datasheet HTML 40Page - Analog Devices AD9380/PCB Datasheet HTML 41Page - Analog Devices AD9380/PCB Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
AD9380
Rev. 0 | Page 38 of 60
0x04—Bits[7:3] Phase Adjust
These bits provide a phase adjustment for the DLL to generate
the ADC clock. A 5-bit value that adjusts the sampling phase in
32 steps across one pixel time. Each step represents an 11.25°
shift in sampling phase. The power-up default is 16.
INPUT GAIN
0x05—Bits[7:0] Red Channel Gain
These bits control the programmable gain amplifier (PGA) of
the red channel. The AD9380 can accommodate input signals
with a full-scale range of between 0.5 V and 1.0 V p-p. Setting
the red gain to 255 corresponds to an input range of 1.0 V. A red
gain of 0 establishes an input range of 0.5 V. Note that
increasing red gain results in the picture having less contrast
(the input signal uses fewer of the available converter codes).
The power-up default is 0x80.
0x06—Bits[7:0] Green Channel Gain
These bits control the PGA of the green channel. The AD9380
can accommodate input signals with a full-scale range of
between 0.5 V p-p and 1.0 V p-p. Setting the green gain to 255
corresponds to an input range of 1.0 V. A green gain of 0
establishes an input range of 0.5 V. Note that increasing green
gain results in the picture having less contrast (the input signal
uses fewer of the available converter codes). The power-up
default is 0x80.
0x07—Bits[7:0] Blue Channel Gain
These bits control the PGA of the blue channel. The AD9380
can accommodate input signals with a full-scale range of
between 0.5 V and 1.0 V p-p. Setting the blue gain to 255
corresponds to an input range of 1.0 V. A blue gain of 0
establishes an input range of 0.5 V. Note that increasing blue
gain results in the picture having less contrast (the input signal
uses fewer of the available converter codes). The power-up
default is 0x80.
INPUT OFFSET
0x08—Bits[7:0] Red Channel Offset Adjust
If clamp feedback is enabled, the 8-bit offset adjust determines
the clamp code. The 8-bit offset adjust is a twos complement
number consisting of 1 sign bit plus 7 bits (0x7F = +127, 0x00 =
0, 0xFF = −1, and 0x80 = −128). For example, if the register is
programmed to 130d, then the output code is equal to 130d at
the end of the clamp period. Note that incrementing the offset
register setting by 1 LSB adds 1 LSB of offset, regardless of the
clamp feedback setting. The power-up default is 0.
0x09—Bits[7:0] Red Channel Offset
These eight bits are the red channel offset control. The offset
control shifts the analog input, resulting in a change in bright-
ness. Note that the function of the offset register depends on
whether clamp feedback is enabled (Register 0x1C, Bit 7 = 1).
If clamp feedback is disabled, the offset register bits control the
absolute offset added to the channel. The offset control provides
a +127/−128 LSBs of adjustment range, with one LSB of offset
corresponding to 1 LSB of output code. If clamp feedback is
enabled these bits provide the relative offset (brightness) from
the offset adjust in the previous register. The power-up default
is 0x80.
0x0A—Bits[7:0] Green Channel Offset Adjust
If clamp feedback is enabled, the 8-bit offset adjust determines
the clamp code. The 8-bit offset adjust is a twos complement
number consisting of 1 sign bit plus 7 bits (0x7F = +127, 0x00 =
0, 0xFF = −1, and 0x80 = −128). For example, if the register is
programmed to 130d, then the output code is equal to 130d at
the end of the clamp period. Note that incrementing the offset
register setting by 1 LSB adds 1 LSB of offset, regardless of the
clamp feedback setting. The power-up default is 0.
0x0B—Bits[7-0] Green Channel Offset
These eight bits are the green channel offset control. The offset
control shifts the analog input, resulting in a change in bright-
ness. Note that the function of the offset register depends on
whether clamp feedback is enabled (Register 0x1C, Bit 7 = 1).
If clamp feedback is disabled, the offset register bits control the
absolute offset added to the channel. The offset control provides
an adjustment range of +127/−128 LSBs, with one LSB of offset
corresponding to 1 LSB of output code. If clamp feedback is
enabled, these bits provide the relative offset (brightness) from
the offset adjust in the previous register. The power-up default
is 0x80.
0x0C—Bits[7:0] Blue Channel Offset Adjust
If clamp feedback is enabled, the 8-bit offset adjust determines
the clamp code. The 8-bit offset adjust is a twos complement
number consisting of 1 sign bit plus 7 bits (0x7F = +127, 0x00 =
0, 0xFF = −1, and 0x80 = −128). For example, if the register is
programmed to 130d, then the output code is equal to 130d at
the end of the clamp period. Note that incrementing the offset
register setting by 1 LSB adds 1 LSB of offset, regardless of the
clamp feedback setting. The power-up default is 0.
0x0D—Bits[7:0] Blue Channel Offset
These eight bits are the blue channel offset control. The offset
control shifts the analog input, resulting in a change in bright-
ness. Note that the function of the offset register depends on
whether clamp feedback is enabled (Register 0x1C, Bit 7 = 1).
If clamp feedback is disabled, the offset register bits control the
absolute offset added to the channel. The offset control provides
an adjustment range of +127/−128 LSBs, with 1 LSB of offset
corresponding to 1 LSB of output code. If clamp feedback is
enabled, these bits provide the relative offset (brightness) from
the offset adjust in the previous register. The power-up default
is 0x80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com