Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 46 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 42Page - Analog Devices AD9380/PCB Datasheet HTML 43Page - Analog Devices AD9380/PCB Datasheet HTML 44Page - Analog Devices AD9380/PCB Datasheet HTML 45Page - Analog Devices AD9380/PCB Datasheet HTML 46Page - Analog Devices AD9380/PCB Datasheet HTML 47Page - Analog Devices AD9380/PCB Datasheet HTML 48Page - Analog Devices AD9380/PCB Datasheet HTML 49Page - Analog Devices AD9380/PCB Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
AD9380
Rev. 0 | Page 46 of 60
COLOR SPACE CONVERSION
The default power up values for the color space converter
coefficients (R0x35 through R0x4C) are set for ATSC RGB to
YCbCr conversion. They are completely programmable for
other conversions.
0x34—Bit[1] Color Space Converter Enable
This bit enables the color space converter. 0 = disable color
space converter. 1 = enable color space converter. The power-up
default setting is 0.
0x35—Bits[6:5] Color Space Converter Mode
These two bits set the fixed-point position of the CSC
coefficients, including the A4, B4, and C4 offsets.
Table 23. CSC Fixed Point Converter Mode
Select
Result
00
±1.0, −4096 to +4095
01
±2.0, −8192 to +8190
1×
±4.0, −16384 to +16380
0x35—Bits[4:0] Color Space Conversion Coefficient A1
MSBs
These 5 bits form the 5 MSBs of the Color Space Conversion
Coefficient A1. This combined with the 8 LSBs of the following
register form a 13-bit, twos complement coefficient which is
user programmable. The equation takes the form of:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
The default value for the 13-bit A1 coefficient is 0x0C52.
0x36—Bits[7:0] Color Space Conversion Coefficient A1
LSBs
See the Register 0x35 section.
0x37—Bits[4:0] CSC A2 MSBs
These five bits form the 5 MSBs of the Color Space Conversion
Coefficient A2. Combined with the 8 LSBs of the following
register, they form a 13-bit, twos complement coefficient that is
user programmable. The equation takes the form of:
ROUT = (A1 × RIN) + (A2 × GIN) + (A3 × BIN) + A4
GOUT = (B1 × RIN) + (B2 × GIN) + (B3 × BIN) + B4
BOUT = (C1 × RIN) + (C2 × GIN) + (C3 × BIN) + C4
The default value for the 13-bit A2 coefficient is 0x0800.
0x38—Bits[7:0] CSC A2 LSBs
See the Register 0x37 section.
0x39—Bits[4:0] CSC A3 MSBs
The default value for the 13-bit A3 is 0x0000.
0x3A—Bits[7:0] CSC A3 LSBs
0x3B—Bits[4:0] CSC A4 MSBs
The default value for the 13-bit A4 is 0x19D7.
0x3C—Bits[7:0] CSC A4 LSBs
0x3D—Bits[4:0] CSC B1 MSBs
The default value for the 13-bit B1 is 0x1C54.
0x3E—Bits[7:0] CSC B1 LSBs
0x3F—Bits[4:0] CSC B2 MSB
The default value for the 13-bit B2 is 0x0800.
0x40—Bits[7:0] CSC B2 LSBs
0x41—Bits[4:0] CSC B3 MSBs
The default value for the 13-bit B3 is 0x1E89.
0x42—Bits[7:0] CSC B3 LSBs
0x43—Bits[4:0] CSC B4 MSBs
The default value for the 13-bit B4 is 0x0291.
0x44—Bits[7:0] CSC B4 LSBs
0x45—Bits[4:0] CSC C1 MSBs
The default value for the 13-bit C1 is 0x0000.
0x46—Bits[7:0] CSC C1 LSBs
0x47—Bits[4:0] CSC C2 MSBs
The default value for the 13 bit C2 is 0x0800.
0x48—Bits[7:0] CSC C2 LSBs
0x49—Bits[4:0] CSC C3 MSBs
The default value for the 13-bit C3 is 0x0E87.
0x4A—Bits[7:0] CSC C3 LSBs
0x4B—Bits[4-0] CSC C4 MSBs
The default value for the 13-bit C4 is 0x18BD.
0x4C—Bits[7:0] CSC C4 LSBs
0x57—Bit[7] A/V Mute Override
0x57—Bit[6] A/V Mute Value
0x57—Bit[3] Disable AV Mute
0x57—Bit[2] Disable Audio Mute
0x58—Bit[7] MCLK PLL Enable
This bit enables the use of the analog PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com