Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 23Page - Analog Devices AD9380/PCB Datasheet HTML 24Page - Analog Devices AD9380/PCB Datasheet HTML 25Page - Analog Devices AD9380/PCB Datasheet HTML 26Page - Analog Devices AD9380/PCB Datasheet HTML 27Page - Analog Devices AD9380/PCB Datasheet HTML 28Page - Analog Devices AD9380/PCB Datasheet HTML 29Page - Analog Devices AD9380/PCB Datasheet HTML 30Page - Analog Devices AD9380/PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
AD9380
Rev. 0 | Page 27 of 60
Hex
Address
Read/Write
or Read-Only
Bits
Default
Value
Register Name
Description
[1]
******1*
Primary Output
Enable
Enables primary output.
[0]
*******0
Secondary Output
Enable
Enables secondary output (DDR 4:2:2 in Output Modes 1 and 2).
0x26
Read/Write
[7]
0*******
Output Three-State
Three-state the outputs.
[6]
*0******
SOG Three-State
Three-state the SOG output.
[5]
**0*****
SPDIF Three-State
Three-state the SPDIF output.
[4]
***0****
I2S Three-State
Three-state the I2S output and the MCLK out.
[3]
****1***
Power-Down Pin
Polarity
Sets polarity of power-down pin.
0 = active low.
1 = active high.
Selects the function of the power-down pin.
[2:1]
*****00*
Power-Down Pin
Function
00 = power-down.
01 = power-down and three-state SOG.
10 = three-state outputs only.
11 = three-state outputs and SOG.
[0]
*******0
Power-Down
0 = normal.
1 = power-down.
0x27
Read/Write
[7]
1*******
Auto Power-Down
Enable
0 = disable auto-low power state.
1 = enable auto-low power state.
[6]
*0******
HDCP A0
Sets the LSB of the address of the HDCP I2C. Set to 1 only for a
second receiver in a dual-link configuration.
0 = use internally generated MCLK.
1 = use external MCLK input.
[5]
**0*****
MCLK External
Enable
If an external MCLK is used, then it must be locked to the video
clock according to the CTS and N available in the I2C. Any mis-
match between the internal MCLK and the input MCLK results in
dropped or repeated audio samples.
[4]
***0****
BT656 EN
Enables EAV/SAV codes to be inserted into the video output
data.
[3]
****0***
Force DE Generation
Allows use of the internal DE generator in DVI mode.
[2:0]
*****000
Interlace Offset
Sets the difference (in HSYNCs) in field length between Field 0
and Field 1.
0x28
Read/Write
[7:2]
011000**
VS Delay
Sets the delay (in lines) from the VSYNC leading edge to the start
of active video.
[1:0]
******01
HS Delay MSB
MSB, Register 0x29.
0x29
Read/Write
[7:0]
00000100
HS Delay
Sets the delay (in pixels) from the HSYNC leading edge to the
start of active video.
0x2A
Read/Write
[3:0]
****0101
Line Width MSB
MSB, Register 0x2B.
0x2B
Read/Write
[7:0]
00000000
Line Width
Sets the width of the active video line in pixels.
0x2C
Read/Write
[3:0]
****0010
Screen Height MSB
MSB, Register 0x2D.
0x2D
Read/Write
[7:0]
11010000
Screen Height
Sets the height of the active screen in lines.
0x2E
Read/Write
[7]
0*******
Ctrl EN
Allows Ctrl [3:0] to be output on the I2S data pins.
00 = I2S mode.
[6:5]
*00*****
I2S Out Mode
01 = right-justified.
10 = left-justified.
11 = raw IEC60958 mode.
[4:0]
***11000
I2S Bit Width
Sets the desired bit width for right-justified mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com