Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 48 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 44Page - Analog Devices AD9380/PCB Datasheet HTML 45Page - Analog Devices AD9380/PCB Datasheet HTML 46Page - Analog Devices AD9380/PCB Datasheet HTML 47Page - Analog Devices AD9380/PCB Datasheet HTML 48Page - Analog Devices AD9380/PCB Datasheet HTML 49Page - Analog Devices AD9380/PCB Datasheet HTML 50Page - Analog Devices AD9380/PCB Datasheet HTML 51Page - Analog Devices AD9380/PCB Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
AD9380
Rev. 0 | Page 48 of 60
0x81—Bits[6:5] Y [1:0]
This register indicates whether data is RGB, 4:4:4, or 4:2:2.
Table 28.
Y
Video Data
00
RGB
01
YCbCr 4:2:2
10
YCbCr 4:4:4
0x81—Bits[4] Active Format Information Present
0 = no data. 1 = active format information valid.
0x81—Bits[3:2] Bar Information
Table 29.
B
Bar Type
00
No bar information
01
Horizontal bar information valid
10
Vertical bar information valid
11
Horizontal and vertical bar information valid
0x81—Bits[1:0] Scan Information
Table 30.
S [1:0]
Scan Type
00
No information
01
Overscanned (television)
10
Underscanned (computer)
0x82—Bits[7:6] Colorimetry
Table 31.
C [1:0]
Colorimetry
00
No data
01
SMPTE 170M, ITU601
10
ITU 709
0x82—Bits[5:4] Picture Aspect Ratio
Table 32.
M[1:0]
Aspect Ratio
00
No data
01
4:3
10
16:9
0x82—Bits[3:0] Active Format Aspect Ratio
Table 33.
R [3:0]
Active Format A/R
0x8
Same as picture aspect ratio (M [1:0])
0x9
4:3 (center)
0xA
16:9 (center)
0xB
14:9 (center)
0x83—Bits[1:0] Nonuniform Picture Scaling
Table 34.
SC [1:0]
Picture Scaling
00
No known nonuniform scaling
01
Has been scaled horizontally
10
Has been scaled vertically
11
Has been scaled both horizontally and vertically
0x84—Bits[6:0] Video ID Code
See CEA EDID short video descriptors.
0x85—Bits[3:0] Pixel Repeat
This value indicates how many times the pixel was repeated.
0x0 = no repeats, sent once, 0x8 = 8 repeats, sent 9 times, and
so on.
0x86—Bits[7:0] Active Line Start LSB
Combined with the MSB in Register 0x88, these bits indicate
the beginning line of active video. All lines before this comprise
a top horizontal bar. This is used in letter box modes. If the 2-
byte value is 0x00, there is no horizontal bar.
0x87—Bits[6:0] New Data Flags (NDF)
This register indicates whether data in specific sections has
changed. In the address space from 0x80 to 0xFF, each register
address ending in 0b111 (for example, 0x87, 0x8F, 0x97, 0xAF)
is an NDF register. They all have the same data and all are reset
upon reading any one of them.
Table 35.
NDF Bit Number
Changes Occurred
0
AVI infoframe
1
Audio infoframe
2
SPD infoframe
3
MPEG source infoframe
4
ACP packets
5
ISRC1 packets
6
ISRC2 packets
0x88—Bits[7:0] Active Line Start MSB
See Register 0x86.
0x89—Bits[7:0] Active Line End LSB
Combined with the MSB in Register 0x8A, these bits indicate
the last line of active video. All lines past this comprise a lower
horizontal bar. This is used in letter-box modes. If the 2-byte
value is greater than the number of lines in the display, there is
no lower horizontal bar.
0x8A—Bits[7:0] Active Line End MSB
See Register 0x89.
0x8B—Bits[7:0] Active Pixel Start LSB
Combined with the MSB in Register 0x8C, these bits indicate
the first pixel in the display which is active video. All pixels
before this comprise a left vertical bar. If the 2-byte value is
0x00, there is no left bar.
0x8C—Bits[7:0] Active Pixel Start MSB
See Register 0x8B.
0x8D—Bits[7:0] Active Pixel End LSB
Combined with the MSB in Register 0x8E, these bits indicate
the last active video pixel in the display. All pixels past this
comprise a right vertical bar. If the 2-byte value is greater than
the number of pixels in the display, there is no vertical bar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com