Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 15Page - Analog Devices AD9380/PCB Datasheet HTML 16Page - Analog Devices AD9380/PCB Datasheet HTML 17Page - Analog Devices AD9380/PCB Datasheet HTML 18Page - Analog Devices AD9380/PCB Datasheet HTML 19Page - Analog Devices AD9380/PCB Datasheet HTML 20Page - Analog Devices AD9380/PCB Datasheet HTML 21Page - Analog Devices AD9380/PCB Datasheet HTML 22Page - Analog Devices AD9380/PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
AD9380
Rev. 0 | Page 19 of 60
HSYNC Filter and Regenerator
The HSYNC filter is used to eliminate any extraneous pulses
from the HSYNC or SOGIN inputs, outputting a clean, low
jitter signal that is appropriate for mode detection and clock
generation. The HSYNC regenerator is used to re-create a clean,
although not low jitter, HSYNC signal that can be used for
mode detection and counting HSYNCs per VSYNC. The
HSYNC regenerator has a high degree of tolerance to
extraneous and missing pulses on the HSYNC input, but is not
appropriate for use by the PLL in creating the pixel clock
because of jitter.
The HSYNC regenerator runs automatically and requires no
setup to operate. The HSYNC filter requires the setting up of a
filter window. The filter window sets a periodic window of time
around the regenerated HSYNC leading edge, where valid
HSYNCs are allowed to occur. The general idea is that
extraneous pulses on the sync input occur outside of this filter
window and thus are filtered out. To set the filter window
timing, program a value (x) into Register 0x20. The resulting
filter window time is ±x times 25 ns either side of the
regenerated HSYNC leading edge. Just as for the sync separator
threshold multiplier, allow a ±20% variance in the 25 ns
multiplier to account for all operating conditions (20 ns to 30 ns
range).
A second output from the HSYNC filter is a status bit
(Register 0x16[0]) that tells whether extraneous pulses are
present on the incoming sync signal. Extraneous pulses are
often included for copy protection purposes, which this status
bit can detect.
The filtered HSYNC (rather than the raw HSYNC/SOGIN
signal) for pixel clock generation by the PLL is controlled by
Register 0x21[6]. The regenerated HSYNC (rather than the
raw HSYNC/SOGIN signal) for sync processing is controlled by
Register 0x21[7]. Use of the filtered HSYNC and regenerated
HSYNC is recommended. Figure 10 shows a filtered HSYNC.
HSOUT
VSYNC
FILTER
WINDOW
EXPECTED
EDGE
FILTER
WINDOW
EQUALIZATION
PULSES
HSIN
Figure 10. Sync Processing Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com