Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 49 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 45Page - Analog Devices AD9380/PCB Datasheet HTML 46Page - Analog Devices AD9380/PCB Datasheet HTML 47Page - Analog Devices AD9380/PCB Datasheet HTML 48Page - Analog Devices AD9380/PCB Datasheet HTML 49Page - Analog Devices AD9380/PCB Datasheet HTML 50Page - Analog Devices AD9380/PCB Datasheet HTML 51Page - Analog Devices AD9380/PCB Datasheet HTML 52Page - Analog Devices AD9380/PCB Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
AD9380
Rev. 0 | Page 49 of 60
0x8E—Bits[7:0] Active Pixel End MSB
See Register 0x8D.
0x8F—Bits[6:0] NDF
See Register 0x87.
0x90—Bits[7:0] Audio Infoframe Version
0x91—Bits[7:4] Audio Coding Type
These bits identify the audio coding so that the receiver may
process audio properly.
Table 36.
CT [3:0]
Audio Coding
0x0
Refer to stream header
0x1
IEC60958 PCM
0x2
AC-3
0x3
MPEG1 (Layer 1 and Layer 2)
0x4
MP3 (MPEG1 Layer 3)
0x5
MPEG2 (multichannel)
0x6
AAC
0x7
DTS
0x8
ATRAC
0x91—Bits[2:0] Audio Channel Count
These bits specify how many audio channels are being sent:
2 channels to 8 channels.
Table 37.
CC [2:0]
Channel Count
000
Refer to stream header
001
2
010
3
011
4
100
5
101
6
110
7
111
8
0x92—Bits[4:2] Sampling Frequency
0x92—Bits[1:0] Ample Size
0x93—Bits[7:0] Max Bit Rate
For compressed audio only, when this value is multiplied by
8 kHz represents the maximum bit rate. A value of 0x08 in this
field yields a maximum bit rate of (8 kHz × 8 kHz = 64 kHz).
0x94—Bits[7:0] Speaker Mapping
These bits define the mapping (suggested placement) of
speakers.
Table 38.
Abbreviation
Speaker Placement
FL
Front left
FC
Front center
FR
Front right
FCL
Front center left
FCR
Front center right
RL
Rear left
RC
Rear center
RR
Rear right
RCL
Rear center left
RCR
Rear center right
LFE
Low frequency effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com