Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 55 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 51Page - Analog Devices AD9380/PCB Datasheet HTML 52Page - Analog Devices AD9380/PCB Datasheet HTML 53Page - Analog Devices AD9380/PCB Datasheet HTML 54Page - Analog Devices AD9380/PCB Datasheet HTML 55Page - Analog Devices AD9380/PCB Datasheet HTML 56Page - Analog Devices AD9380/PCB Datasheet HTML 57Page - Analog Devices AD9380/PCB Datasheet HTML 58Page - Analog Devices AD9380/PCB Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
AD9380
Rev. 0 | Page 55 of 60
PCB LAYOUT RECOMMENDATIONS
The AD9380 is a high precision, high speed analog device.
To achieve the maximum performance from the part, it is
important to have a well laid-out board. The following is a
guide for designing a board using the AD9380.
ANALOG INTERFACE INPUTS
Using the following layout techniques on the graphics inputs is
extremely important:
•
Minimize the trace length running into the graphics
inputs. To accomplished this, place the AD9380 as close as
possible to the graphics VGA connector. Long input trace
lengths are undesirable, because they pick up more noise
from the board and other external sources.
•
Place the 75 Ω termination resistors (see Figure 3) as close
to the AD9380 chip as possible. Any additional trace length
between the termination resistors and the input of the
AD9380 increases the magnitude of reflections, which
corrupts the graphics signal.
•
Use 75 Ω matched impedance traces. Trace impedances
other than 75 Ω also increase the chance of reflections.
The AD9380 has very high input bandwidth (300 MHz). While
this is desirable for acquiring a high resolution PC graphics
signal with fast edges, it means that it also captures any high
frequency noise present. Therefore, it is important to reduce the
amount of noise that gets coupled to the inputs. Avoid running
any digital traces near the analog inputs.
Due to the high bandwidth of the AD9380, sometimes low-pass
filtering the analog inputs can help to reduce noise. For many
applications, filtering is unnecessary. Experiments have shown
that placing a series ferrite bead prior to the 75 Ω termination
resistor is helpful in filtering out excess noise. Specifically, the
part used was the Fair-Rite 2508051217Z0, but each application
may work best with a different bead value. Alternatively, placing
a 100 Ω to 120 Ω resistor between the 75 Ω termination resistor
and the input coupling capacitor can also be beneficial.
POWER SUPPLY BYPASSING
It is recommended to bypass each power supply pin with a
0.1 μF capacitor. The exception is in the case where two or more
supply pins are adjacent to each other. For these groupings of
powers/grounds, it is only necessary to have one bypass
capacitor. The fundamental idea is to have a bypass capacitor
within about 0.5 cm of each power pin. Also, avoid placing the
capacitor on the opposite side of the PC board from the
AD9380, because that interposes resistive vias in the path.
The bypass capacitors should be physically located between the
power plane and the power pin. Current should flow from the
power plane to the capacitor to the power pin. Do not make the
power connection between the capacitor and the power pin.
Placing a via underneath the capacitor pads down to the power
plane is generally the best approach.
It is particularly important to maintain low noise and good
stability of PVDD (the clock generator supply). Abrupt changes
in PVDD can result in similarly abrupt changes in sampling clock
phase and frequency. This can be avoided by careful attention to
regulation, filtering, and bypassing. It is highly desirable to
provide separate regulated supplies for each of the analog
circuitry groups (VD and PVDD).
Some graphic controllers use substantially different levels of
power when active (during active picture time) and when idle
(during HSYNC and VSYNC periods). This can result in a
measurable change in the voltage supplied to the analog supply
regulator, which can in turn produce changes in the regulated
analog supply voltage. This can be mitigated by regulating the
analog supply, or at least PVDD, from a different, cleaner power
source (for example, from a 12 V supply).
It is recommended to use a single ground plane for the
entire board. Experience has shown repeatedly that the noise
performance is the same or better with a single ground plane.
Using multiple ground planes can be detrimental because each
separate ground plane is smaller and long ground loops can
result.
In some cases, using separate ground planes is unavoidable,
so placing a single ground plane under the AD9380 is
recommended. The location of the split should be at the
receiver of the digital outputs. In this case, it is even more
important to place components wisely because the current
loops are much longer (current takes the path of least
resistance). An example of a current loop is a power plane to
AD9380 to digital output trace to digital data receiver to digital
ground plane to analog ground plane.
PLL
Place the PLL loop filter components as close as possible to the
FILT pin.
Do not place any digital or other high frequency traces near
these components.
Use the values suggested in Figure 6 with 10% tolerances or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com