Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 44 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 40Page - Analog Devices AD9380/PCB Datasheet HTML 41Page - Analog Devices AD9380/PCB Datasheet HTML 42Page - Analog Devices AD9380/PCB Datasheet HTML 43Page - Analog Devices AD9380/PCB Datasheet HTML 44Page - Analog Devices AD9380/PCB Datasheet HTML 45Page - Analog Devices AD9380/PCB Datasheet HTML 46Page - Analog Devices AD9380/PCB Datasheet HTML 47Page - Analog Devices AD9380/PCB Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
AD9380
Rev. 0 | Page 44 of 60
0x27—Bit[7] Auto Power-Down Enable
This bit enables the chip to go into low power mode, or seek
mode if no sync inputs are detected. 0 = auto power-down
disabled. 1 = chip powers down if no sync inputs present. The
power-up default setting is 1.
0x27—Bit[6] HDCP A0 Address
This bit sets the LSB of the address of the HDCP I2C. This
should be set to 1 only for a second receiver in a dual-link
configuration. The power-up default is 0.
0x27—Bits[5] MCLK External Enable
This bit enables the MCLK to be supplied externally. If an
external MCLK is used, then it must be locked to the video
clock according to the CTS and N available in the I2C. Any
mismatch between the internal MCLK and the input MCLK
results in dropped or repeated audio samples. 0 = use internally
generated MCLK. 1 = use external MCLK input. The power-up
default setting is 0.
BT656 GENERATION
0x27—Bit[4] BT656 Enable
This bit enables the output to be BT656 compatible with the
defined start of active video (SAV) and the end of active video
(EAV) controls to be inserted. These require specification of the
number of active lines, active pixels per line, and delays to place
these markers. 0 = disable BT656 video mode. 1 = enable BT656
video mode. The power-up default setting is 0.
0x27—Bit[3] Force DE Generation
This bit allows the use of the internal DE generator in DVI
mode. 0 = internal DE generation disabled. 1 = force DE
generation via programmed registers. The power-up default
setting is 0.
0x27—Bits[2:0] Interlace Offset
These bits define the offset in HSYNCs from Field 0 to Field 1.
The power-up default setting is 000.
0x28—Bits[7:2] VSYNC Delay
These bits set the delay (in lines) from the leading edge of
VSYNC to active video. The power-up default setting is 24.
0x28—Bits[1:0] HSYNC Delay MSBs
These 8 bits and the following 10 bits set the delay (in pixels)
from the HSYNC leading edge to the start of active video. The
power-up default setting is 0x104.
0x29—Bits[7:0] HSYNC Delay LSBs
See the HSYNC Delay MSBs section.
0x2A—Bits[3:0] Line Width MSBs
These 8 bits and the following 12 bits set the width of the active
video line (in pixels). The power-up default setting is 0x500.
0x2B—Bits[7:0] Line Width LSBs
See the line width MSBs section.
0x2C—Bits[3:0] Screen Height MSBs
Along with the 8 bits following these 12 bits, set the height of
the active screen (in lines). The power-up default setting is
0x2D0.
0x2D—Bits[7:0] Screen Height LSBs
See the Screen Height MSBs section.
0x2E—Bit[7] Ctrl Enable
When set, this bit allows Ctrl [3:0] signals decoded from the
DVI to be output on the I2S data pins. 0 = I2S signals on I2S
lines. 1 = Ctrl [3:0] output on I2S lines. The power-up default
setting is 0.
0x2E—Bits[6:5] I2S Output Mode
These bits select between four options for the I2S output: I2S,
right-justified, left-justified, or raw IEC60958 mode. The
power-up default setting is 00.
Table 21. I2S Output Select
I2S Output Mode
Result
00
I2S mode
01
Right-justified
10
Left-justified
11
Raw IEC60958 mode
0x2E—Bits[4:0] I2S Bit Width
These bits set the I2S bit width for right-justified mode. The
power-up default setting is 24 bits.
0x2F—Bit[6] TMDS Sync Detect
This read-only bit indicates the presence of a TMDS DE. 0 = no
TMDS DE present. 1 = TMDS DE detected.
0x2F—Bit[5] TMDS Active
This read-only bit indicates the presence of a TMDS clock. 0 =
no TMDS clock present. 1 = TMDS clock detected.
0x2F—Bit[4] AV Mute
This read-only bit indicates the presence of AV mute based on
general control packets. 0 = AV not muted. 1 = AV muted.
0x2F—Bit[3] HDCP Keys Read
This read-only bit reports if the HDCP keys were read
successfully. 0 = failure to read HDCP keys. 1 = HDCP keys
read.
0x2F—Bit[2:0] HDMI Quality
These read-only bits indicate a level of HDMI quality based on
the display enable (DE) edges. The 3 bits correspond to the R,
G, and B channels of the TMDS signals. If an extraneous signal
is present on any channel, that bit is set. A value of 000
represents the highest quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com