Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 4 Page - Analog Devices

  AD9380/PCB Datasheet HTML 1Page - Analog Devices AD9380/PCB Datasheet HTML 2Page - Analog Devices AD9380/PCB Datasheet HTML 3Page - Analog Devices AD9380/PCB Datasheet HTML 4Page - Analog Devices AD9380/PCB Datasheet HTML 5Page - Analog Devices AD9380/PCB Datasheet HTML 6Page - Analog Devices AD9380/PCB Datasheet HTML 7Page - Analog Devices AD9380/PCB Datasheet HTML 8Page - Analog Devices AD9380/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
AD9380
Rev. 0 | Page 4 of 60
AD9380KSTZ-100
AD9380KSTZ-150
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
VD Supply Voltage
Full
IV
3.15
3.3
3.47
3.15
3.3
3.47
V
DVDD Supply Voltage
Full
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
VDD Supply Voltage
Full
IV
1.7
3.3
3.47
1.7
3.3
3.47
V
PVDD Supply Voltage
Full
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
ID Supply Current (VD)
25°C
VI
260
300
330
mA
IDVDD Supply Current (DVDD)
25°C
VI
45
60
85
mA
IDD Supply Current (VDD)2
25°C
VI
37
1003
1303
mA
IPVDD Supply Current (PVDD)
25°C
VI
10
15
20
mA
Total Power
Full
VI
1.1
1.4
1.15
1.4
W
Power-Down Dissipation
Full
VI
130
130
mW
DYNAMIC PERFORMANCE
Analog Bandwidth,
Full Power
25°C
V
330
330
MHz
Signal–to–Noise Ratio (SNR)
25°C
I
46
46
dB
Without Harmonics
fIN = 40.7 MHz
Full
V
45
45
dB
Crosstalk
Full
V
60
60
dBc
THERMAL CHARACTERISTICS
θJA Junction-to-Ambient
V
35
35
°C/W
1 Drive strength = high.
2 DATACK load = 15 pF, data load = 5 pF.
3 Specified current and power values with a worst-case pattern (on/off).
DIGITAL INTERFACE ELECTRICAL CHARACTERISTICS
VDD = VD =3.3 V, DVDD = PVDD = 1.8 V, ADC clock = maximum.
Table 2.
AD9380KSTZ-100
AD9380KSTZ-150
Parameter
Test
Level
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
8
8
Bit
DC DIGITAL I/O SPECIFICATIONS
High-Level Input Voltage (VIH)
VI
2.5
2.5
V
Low-Level Input Voltage (VIL)
VI
0.8
0.8
V
High-Level Output Voltage (VOH)
VI
VDD − 0.1
V
Low-Level Output Voltage (VOL)
VI
VDD − 0.1
0.1
0.1
V
DC SPECIFICATIONS
Output High Level
IV
Output drive = high
36
36
mA
IOHD (VOUT = VOH)
IV
Output drive = low
24
24
mA
Output Low Level
IV
Output drive = high
12
12
mA
IOLD (VOUT = VOL)
IV
Output drive = low
8
8
mA
DATACK High Level
IV
Output drive = high
40
40
mA
VOHC (VOUT = VOH)
IV
Output drive = low
20
20
mA
DATACK Low Level
IV
Output drive = high
30
30
mA
VOLC (VOUT = VOL)
IV
Output drive = low
15
15
mA
Differential Input Voltage, Single-
Ended Amplitude
IV
75
700
75
700
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com