Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 50 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 46Page - Analog Devices AD9380/PCB Datasheet HTML 47Page - Analog Devices AD9380/PCB Datasheet HTML 48Page - Analog Devices AD9380/PCB Datasheet HTML 49Page - Analog Devices AD9380/PCB Datasheet HTML 50Page - Analog Devices AD9380/PCB Datasheet HTML 51Page - Analog Devices AD9380/PCB Datasheet HTML 52Page - Analog Devices AD9380/PCB Datasheet HTML 53Page - Analog Devices AD9380/PCB Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
AD9380
Rev. 0 | Page 50 of 60
Table 39.
CA
Channel Number
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
0
0
0
0
0
–
–
FR
FL
0
0
0
0
1
–
LFE
FR
FL
0
0
0
1
0
FC
–
FR
FL
0
0
0
1
1
FC
LFE
FR
FL
0
0
1
0
0
RC
–
–
FR
FL
0
0
1
0
1
RC
–
LFE
FR
FL
0
0
1
1
0
RC
FC
–
FR
FL
0
0
1
1
1
RC
FC
LFE
FR
FL
0
1
0
0
0
RR
RL
–
–
FR
FL
0
1
0
0
1
RR
RL
–
LFE
FR
FL
0
1
0
1
0
RR
RL
FC
–
FR
FL
0
1
0
1
1
–
–
RR
RL
FC
LFE
FR
FL
0
1
1
0
0
–
RC
RR
RL
–
–
FR
FL
0
1
1
0
1
–
RC
RR
RL
–
LFE
FR
FL
0
1
1
1
0
–
RC
RR
RL
FC
–
FR
FL
0
1
1
1
1
–
RC
RR
RL
FC
LFE
FR
FL
1
0
0
0
0
RRC
RLC
RR
RL
–
–
FR
FL
1
0
0
0
1
RRC
RLC
RR
RL
–
LFE
FR
FL
1
0
0
1
0
RRC
RLC
RR
RL
FC
–
FR
FL
1
0
0
1
1
RRC
RLC
RR
RL
FC
LFE
FR
FL
1
0
1
0
0
FRC
FLC
–
–
–
v
FR
FL
1
0
1
0
1
FRC
FLC
–
–
v
LFE
FR
FL
1
0
1
1
0
FRC
FLC
–
–
FC
–
FR
FL
1
0
1
1
1
FRC
FLC
–
–
FC
LFE
FR
FL
1
1
0
0
0
FRC
FLC
–
RC
–
–
FR
FL
1
1
0
0
1
FRC
FLC
–
RC
–
LFE
FR
FL
1
1
0
1
0
FRC
FLC
–
RC
FC
–
FR
FL
1
1
0
1
1
FRC
FLC
–
RC
FC
LFE
FR
FL
1
1
1
0
0
FRC
FLC
RR
RL
–
v
FR
FL
1
1
1
0
1
FRC
FLC
RR
RL
–
LFE
FR
FL
1
1
1
1
0
FRC
FLC
RR
RL
FC
–
FR
FL
1
1
1
1
1
FRC
FLC
RR
RL
FC
LFE
FR
FL
0x95—Bit[7] Down-Mix Inhibit
0x95—Bits[6:3] Level Shift Values
These bits define the amount of attenuation. The value directly
corresponds to the amount of attenuation: for example, 0000 =
0 dB, 0001 = 1 dB to 1111 = 15 dB attenuation.
0x96—Bits[7:0] Reserved
0x97—Bits[6:0] New Data Flags
See Register 0x87 for a description.
0x98—Bits[7:0] Source Product Description (SPD)
Infoframe Version
0x99—Bits[7:0] Vender Name Character 1 (VN1)
This is the first character in eight character name of the
company that appears on the product. The data characters are
7-bit ASCII code.
0x9A—Bits[7:0] VN2
0x9B—Bits[7:0] VN3
0x9C—Bits[7:0] VN4
0x9D—Bits[7:0] VN5
0x9E—Bits[7:0] VN6
0x9F—Bits[6:0] New Data Flags
See Register 0x87 for a description.
0xA0—Bits[7:0] VN7
0xA1—Bits[7:0 VN8
0xA2—Bits[7:0] Product Description Character 1 (PD1)
This is the first character of 16 that contains the model number
and a short description of the product. The data characters are
7-bit ASCII code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com