Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 8 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 4Page - Analog Devices AD9380/PCB Datasheet HTML 5Page - Analog Devices AD9380/PCB Datasheet HTML 6Page - Analog Devices AD9380/PCB Datasheet HTML 7Page - Analog Devices AD9380/PCB Datasheet HTML 8Page - Analog Devices AD9380/PCB Datasheet HTML 9Page - Analog Devices AD9380/PCB Datasheet HTML 10Page - Analog Devices AD9380/PCB Datasheet HTML 11Page - Analog Devices AD9380/PCB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
AD9380
Rev. 0 | Page 8 of 60
Pin Type
Pin No.
Mnemonic
Function
Value
OUTPUTS
92 to 99
RED [7:0]
Outputs of Red Converter, Bit 7 is MSB
VDD
2 to 9
GREEN [7:0]
Outputs of Green Converter, Bit 7 is MSB
VDD
12 to 19
BLUE [7:0]
Outputs of Blue Converter, Bit 7 is MSB
VDD
89
DATACK
Data Output Clock
VDD
87
HSOUT
HSYNC Output Clock (Phase-Aligned with DATACK)
VDD
85
VSOUT
VSYNC Output Clock (Phase-Aligned with DATACK)
VDD
86
SOGOUT
SOG Slicer Output
VDD
84
O/E FIELD
Odd/Even Field Output
VDD
REFERENCES
57
FILT
Connection for External Filter Components For PLL
POWER SUPPLY
80, 76, 72,
67, 45, 33
VD
Analog Power Supply and DVI Terminators
3.3 V
100, 90, 10
VDD
Output Power Supply
1.8 V to 3.3 V
59, 56, 54
PVDD
PLL Power Supply
1.8 V
48, 32, 30
DVDD
Digital Logic Power Supply
1.8 V
GND
Ground
0 V
CONTROL
82
SCL
Serial Port Data Clock
3.3 V CMOS
83
SDA
Serial Port Data I/O
3.3 V CMOS
HDCP
49
DDCSCL
HDCP Slave Serial Port Data Clock
3.3 V CMOS
50
DDCSDA
HDCP Slave Serial Port Data I/O
3.3 V CMOS
51
PU2
Should be tied to 3.3 V through a 10 kΩ resistor
3.3 V CMOS
52
PU1
Should be tied to 3.3 V through a 10 kΩ resistor
3.3 V CMOS
AUDIO DATA OUTPUTS
28
S/PDIF
S/PDIF Digital Audio Output
VDD
27
I2S0
I2S Audio (Channel 1, Channel 2)
VDD
26
I2S1
I2S Audio (Channel 3, Channel 4)
VDD
25
I2S2
I2S Audio (Channel 5, Channel 6)
VDD
24
I2S3
I2S Audio (Channel 7, Channel 8)
VDD
20
MCLKIN
External Reference Audio Clock In
VDD
21
MCLKOUT
Audio Master Clock Output
VDD
22
SCLK
Audio Serial Clock Output
VDD
23
LRCLK
Data Output Clock for Left And Right Audio Channels
VDD
DIGITAL VIDEO DATA
TMDS
34
Rx0−
Digital Input Channel 0 Complement
TMDS
35
Rx0+
Digital Input Channel 0 True
37
Rx1−
Digital Input Channel 1 Complement
TMDS
38
Rx1+
Digital Input Channel 1 True
40
Rx2−
Digital Input Channel 2 Complement
41
Rx2+
Digital Input Channel 2 True
TMDS
DIGITAL VIDEO CLOCK
INPUTS
43
RxC+
Digital Data Clock True
TMDS
44
RxC−
Digital Data Clock Complement
TMDS
DATA ENABLE
88
DE
Data Enable
3.3 V CMOS
RTERM
46
RTERM
Sets Internal Termination Resistance
500 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com