Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 45 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 41Page - Analog Devices AD9380/PCB Datasheet HTML 42Page - Analog Devices AD9380/PCB Datasheet HTML 43Page - Analog Devices AD9380/PCB Datasheet HTML 44Page - Analog Devices AD9380/PCB Datasheet HTML 45Page - Analog Devices AD9380/PCB Datasheet HTML 46Page - Analog Devices AD9380/PCB Datasheet HTML 47Page - Analog Devices AD9380/PCB Datasheet HTML 48Page - Analog Devices AD9380/PCB Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
AD9380
Rev. 0 | Page 45 of 60
0x30—Bits[6] HDMI Content Encrypted
This read-only bit is high when HDCP decryption is in use
(content is protected). The signal goes low when HDCP is not
being used. Customers can use this bit to determine whether to
allow copying of the content. The bit should be sampled at
regular intervals because it can change on a frame by frame
basis. 0 = HDCP not in use. 1 = HDCP decryption in use.
0x30—Bit[5] DVI HSYNC Polarity
This read-only bit indicates the polarity of the DVI HSYNC.
0 = DVI HSYNC polarity is low active. 1 = DVI HSYNC
polarity is high active.
0x30—Bit[4] DVI VSYNC Polarity
This read-only bit indicates the polarity of the DVI VSYNC.
0 = DVI VSYNC polarity is low active. 1 = DVI VSYNC polarity
is high active.
0x30—Bits[3:0] HDMI Pixel Repetition
These read-only bits indicate the pixel repetition on DVI. 0 =
1×, 1 = 2×, 2 = 3×, up to a maximum repetition of 10× (0x9).
Table 22.
Select
Repetition Multiplier
0000
1×
0001
2×
0010
3×
0011
4×
0100
5×
0101
6×
0110
7×
0111
8×
1000
9×
1001
10×
MACROVISION
0x31—Bits[7:4] Macrovision Pulse Max
These bits set the pseudo sync pulse width maximum for
Macrovision detection in pixel clocks. This is functional for
13.5 MHz SDTV or 27 MHz progressive scan. Power-up
default is 9.
0x31—Bits[3:0] Macrovision Pulse Min
These bits set the pseudo sync pulse width maximum for
Macrovision detection in pixel clocks. This is functional for
13.5 MHz SDTV or 27 MHz progressive scan. Power-up
default is 6.
0x32—Bit[7] Macrovision Oversample Enable
Tells the Macrovision detection engine whether oversampling is
being used. This accommodates 27 MHz sampling for SDTV
and 54 MHz sampling for progressive scan and is used as a
correction factor for clock counts. Power-up default is 0.
0x32—Bits[6] Macrovision PAL Enable
Tells the Macrovision detection engine to enter PAL mode when
set to 1. Default is 0 for NTSC mode.
0x32—Bits[5:0] Macrovision Line Count Start
Set the start line for Macrovision detection. Along with
Register 0x33, Bits [5:0] they define the region where MV
pulses are expected to occur. The power-up default is Line 13.
0x33—Bit[7] Macrovision Detect Mode
0 = standard definition.
1 = progressive scan mode.
0x33—Bit[6] Macrovision Settings Override
This defines whether preset values are used for the MV line
counts and pulse widths or the values stored in I2C registers are
used. 0 = use hard coded settings for line counts and pulse
widths. 1 = use I2C values for these settings. Default = 0.
0x33—Bits[5:0] Macrovision Line Count End
Set the end line for Macrovision detection. Along with
Register 0x32, Bits [5:0] they define the region where MV
pulses are expected to occur. The power-up default is Line 21.
0x34—Bits[7:6] Macrovision Pulse Limit Select
Set the number of pulses required in the last three lines
(SD mode only). If there is not at least this number of MV
pulses, the engine stops. These two bits define the following
pulse counts:
00 = 6
01 = 4
10 = 5 (default)
11 = 7
0x34—Bit[5] Low Frequency Mode
Sets whether the audio PLL is in low frequency mode. Low
frequency mode should only be set for pixel clocks < 80 MHz.
0x34—Bit[4] Low Frequency Override
Allows the previous bit to be used to set low frequency mode
rather than the internal autodetect.
0x34—Bit[3] Up Conversion Mode
0 = repeat Cb/Cr values.
1 = interpolate Cb/Cr values.
0x34—Bit[2] CbCr Filter Enable
Enables the FIR filter for 4:2:2 CbCr output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com