Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 51 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 47Page - Analog Devices AD9380/PCB Datasheet HTML 48Page - Analog Devices AD9380/PCB Datasheet HTML 49Page - Analog Devices AD9380/PCB Datasheet HTML 50Page - Analog Devices AD9380/PCB Datasheet HTML 51Page - Analog Devices AD9380/PCB Datasheet HTML 52Page - Analog Devices AD9380/PCB Datasheet HTML 53Page - Analog Devices AD9380/PCB Datasheet HTML 54Page - Analog Devices AD9380/PCB Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
AD9380
Rev. 0 | Page 51 of 60
0xA3—Bits[7:0] PD2
0xA4—Bits[7:0] PD3
0xA5—Bits[7:0] PD4
0xA6—Bits[7:0] PD5
0xA7—Bits[6:0] New Data Flags
See Register 0x87 for a description.
0xA8—Bits[7:0] PD6
0xA9—Bits[7:0] PD7
0xAA—Bits[7:0] PD8
0xAB—Bits[7:0] PD9
0xAC—Bits[7:0] PD10
0xAD—Bits[7:0] PD11
0xAE—Bits[7:0] PD12
0xAF—Bits[6:0] New Data Flags
See Register 0x87 for a description.
0xB0—Bits[7:0] PD13
0xB1—Bits[7:0] PD14
0xB2—Bits[7:0 PD15
0xB3—Bits[7:0] PD16
0xB4—Bits[7:0] Source Device Information Code
These bytes classify the source device.
Table 40.
SDI Code
Source
0x00
Unknown
0x01
Digital STB
0x02
DVD
0x03
D-VHS
0x04
HDD video
0x05
DVC
0x06
DSC
0x07
Video CD
0x08
Game
0x09
PC general
0xB7—Bits[6:0] New Data Flags
See Register 0x87 for a description.
0xB8—Bits[7:0] MPEG Source Infoframe Version
0xB9—Bits[7:0] MPEG Bit Rate Byte 0 (MB0)
This is the lower 8 bits of 32 bits that specify the MPEG bit rate
in Hz.
0xBA—Bits[7:0] MB1
0xBB—Bits[7:0] MB2
0xBC—Bits[7:0] MB3—Upper Byte
0xBD—Bit[4] Field Repeat
This bit defines whether the field is new or repeated. 0 = new
field or picture. 1 = repeated field.
0xBD—Bits[1:0] MPEG Frame
These bits identify the frame as I, B, or P.
Table 41.
MF [1:0]
Frame Type
00
Unknown
01
I—picture
10
B—picture
11
P—picture
0xBE—Bits[7:0] Reserved
0xBF—Bits[6:0] New Data Flags
See Register 0x87 for a description.
0xC0—Bits[7:0] Audio Content Protection Packet
(ACP Type)
These bits define which audio content protection is used.
Table 42.
Code
ACP Type
0x00
Generic audio
0x01
IEC 60958-identified audio
0x02
DVD-audio
0x03
Reserved for super audio CD (SACD)
0x04—0xFF
Reserved
0xC1—ACP Packet Byte 0 (ACP_PB0)
0xC2—Bits[7:0] ACP_PB1
0xC3—Bits[7:0] ACP_PB2
0xC4—Bits[7:0] ACP_PB3
0xC5—Bits[7:0] ACP_PB4
0xC7—Bits[6:0] New Data Flags
See Register 0x87 for a description.
0xC8—Bit[7] International Standard Recording Code
(ISRC1) Continued
This bit indicates that a continuation of the 16 ISRC1 packet
bytes (an ISRC2 packet) is being transmitted.
0xC8—Bit[6] ISRC1 Valid
This bit indicates whether ISRC1 packet bytes are valid.
0 = ISRC1 status bits and PBs not valid. 1 = ISRC1 status bits
and PBs valid.
0xC8—Bits[2:0] ISRC Status
These bits define where the samples are in the ISRC track. At
least two transmissions of 001 occur at the beginning of the
track, while in the middle of the track, continuous transmission
of 010 occurs. This is followed by at least two transmissions of
100 near the end of the track.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com