Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380/PCB Datasheet(PDF) 43 Page - Analog Devices

Part # AD9380/PCB
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380/PCB Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9380/PCB Datasheet HTML 39Page - Analog Devices AD9380/PCB Datasheet HTML 40Page - Analog Devices AD9380/PCB Datasheet HTML 41Page - Analog Devices AD9380/PCB Datasheet HTML 42Page - Analog Devices AD9380/PCB Datasheet HTML 43Page - Analog Devices AD9380/PCB Datasheet HTML 44Page - Analog Devices AD9380/PCB Datasheet HTML 45Page - Analog Devices AD9380/PCB Datasheet HTML 46Page - Analog Devices AD9380/PCB Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
AD9380
Rev. 0 | Page 43 of 60
0x25—Bits[5:4] Output Drive Strength
These two bits select the drive strength for all the high speed
digital outputs (except VSOUT, A0, and O/E field). Higher
drive strength results in faster rise/fall times and in general
makes it easier to capture data. Lower drive strength results in
slower rise times/fall times and helps to reduce EMI and
digitally generated power supply noise. The power-up default
setting is 11.
Table 18. Output Drive Strength
Output Drive
Result
00
Low output drive strength
01
Medium low output drive strength
10
Medium high output drive strength
11
High output drive strength
0x25—Bits[3:2] Output Mode
These bits choose between four options for the output mode,
one of which is exclusive to an HDMI input. 4:4:4 mode is
standard RGB; 4:2:2 mode is YCrCb, which reduces the number
of active output pins from 24 to 16; 4:4:4 is double data rate
(DDR) output mode; and the data is RGB mode, but changes on
every clock edge. The power-up default setting is 00.
Table 19. Output Mode
Output Mode
Result
00
4:4:4 RGB mode
01
4:2:2 YCrCb mode + DDR 4:2:2 on blue
(secondary)
10
DDR 4:4:4: DDR mode + DDR 4:2:2 on blue
(secondary)
11
12-bit 4:2:2 (HDMI option only)
0x25—Bit[1] Primary Output Enable
This bit places the primary output in active or high impedance
mode.
The primary output is designated when using either 4:2:2 or
DDR 4:4:4. In these modes, the data on the red and green
output channels is the primary output, while the output data
on the blue channel (DDR YCrCb) is the secondary output.
0 = primary output is in high impedance mode. 1 = primary
output is enabled. The power-up default setting is 1.
0x25—Bit[0] Secondary Output Enable
This bit places the secondary output in active or high
impedance mode.
The secondary output is designated when using either 4:2:2 or
DDR 4:4:4. In these modes, the data on the blue output channel
is the secondary output, while the output data on the red and
green channels is the primary output. Secondary output is
always a DDR YCrCb data mode. 0 = secondary output is in
high impedance mode. 1 = secondary output is enabled. The
power-up default setting is 0.
0x26—Bit[7] Output Three-State
When enabled, this bit puts all outputs (except SOGOUT) in a
high impedance state. 0 = normal outputs. 1 = all outputs
(except SOGOUT) in high impedance mode. The power-up
default setting is 0.
0x26—Bits[6] SOG Three-State
When enabled, this bit allows the SOGOUT pin to be placed in
a high impedance state. 0 = normal SOG output. 1 = SOGOUT
pin is in high impedance mode. The power-up default setting
is 0.
0x26—Bits[5] S/PDIF Three-State
When enabled, this bit places the S/PDIF audio output
pins in a high impedance state. 0 = normal S/PDIF output.
1 = S/PDIF pins in high impedance mode. The power-up
default setting is 0.
0x26—Bits[4] I2S Three-State
When enabled, this bit places the I2S output pins in a high
impedance state. 0 = normal I2S output. 1 = I2S pins in high
impedance mode. The power-up default setting is 0.
0x26—Bits[3] Power-Down Polarity
This bit defines the polarity of the input power-down pin.
0 = power-down pin is active low. 1 = power-down pin is active
high. The power-up default setting is 1.
0x26—Bits[2:1] Power-Down Pin Function
These bits define the different operational modes of the power-
down pin. These bits are functional only when the power-down
pin is active; when it is not active, the part is powered up and
functioning. The power-up default setting is 00.
Table 20. Power-Down Pin Function
Function
Result
00
The chip is powered down and all outputs except
SOGOUT are in high impedance mode.
01
The chip is powered down and all outputs are in
high impedance mode.
10
The chip remains powered up, but all outputs
except SOGOUT are in high impedance mode.
11
The chip remains powered up, but all outputs are
in high impedance mode.
0x26—Bit[0] Power-Down
This bit is used to put the chip in power-down mode. In this
mode, the chip’s power dissipation is reduced to a fraction of
the typical power (see Table 1 for exact power dissipation).
When in power-down, the HSOUT, VSOUT, DATACK, and
all 30 of the data outputs are put into a high impedance state.
Note that the SOGOUT output is not put into high impedance.
Circuit blocks that continue to be active during power-down
include the voltage references, sync processing, sync detection,
and the serial register. These blocks facilitate a fast start-up
from power-down. 0 = normal operation. 1 = power-down
mode. The power-up default setting is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com