Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 5 Page - Texas Instruments

  TLV3012 Datasheet HTML 1Page - Texas Instruments TLV3012 Datasheet HTML 2Page - Texas Instruments TLV3012 Datasheet HTML 3Page - Texas Instruments TLV3012 Datasheet HTML 4Page - Texas Instruments TLV3012 Datasheet HTML 5Page - Texas Instruments TLV3012 Datasheet HTML 6Page - Texas Instruments TLV3012 Datasheet HTML 7Page - Texas Instruments TLV3012 Datasheet HTML 8Page - Texas Instruments TLV3012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
6.4 Thermal Information - TLV3012-Q1 DCK Package Only
THERMAL METRIC(1)
TLV3012-Q1
UNIT
DCK (SOT)
6 PINS
RθJA
Junction-to-ambient thermal resistance
179.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
141.3
°C/W
RθJB
Junction-to-board thermal resistance
71.2
°C/W
ψJT
Junction-to-top characterization parameter
53.6
°C/W
ψJB
Junction-to-board characterization parameter
71.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Thermal Information- TLV301x-Q1 DBV Package, TLV3011B-Q1 and TLV3012B-Q1
THERMAL METRIC(1)
TLV3011B-Q1, TLV3012B-Q1
UNIT
DCK
(SC-70)
DBV
(SOT-23)
6 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
169.8
162.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
120.5
78.8
°C/W
RθJB
Junction-to-board thermal resistance
63.2
42.1
°C/W
ψJT
Junction-to-top characterization parameter
45.9
21.2
°C/W
ψJB
Junction-to-board characterization parameter
63.0
41.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
-
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics report.
6.6 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage: VS = (V+) – (V–)
1.8
5.5
V
Supply voltage: VS = (V+) – (V–)
B-Versions
1.65
5.5
V
Input voltage range from (V–)
–0.2
(V+) + 0.2
V
Output voltage range from (V–) for open drain
–0.2
(V+)
V
Output voltage range from (V–) for open drain
B-Versions
–0.2
5.5
V
Ambient temperature, TA
–40
125
°C
www.ti.com
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com