Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 12Page - Texas Instruments TLV3012 Datasheet HTML 13Page - Texas Instruments TLV3012 Datasheet HTML 14Page - Texas Instruments TLV3012 Datasheet HTML 15Page - Texas Instruments TLV3012 Datasheet HTML 16Page - Texas Instruments TLV3012 Datasheet HTML 17Page - Texas Instruments TLV3012 Datasheet HTML 18Page - Texas Instruments TLV3012 Datasheet HTML 19Page - Texas Instruments TLV3012 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
8 Typical Characteristics - TLV301x-Q1 DBV Package, TLV3011B-Q1 and TLV3012B-Q1
(continued)
For VS (Total Supply Voltage) = (V+) – (V–) = +5V, VCM = VS /2 at TA = 25°C , RPULLUP = 1MΩ to V+, CL = 15pF, VOD =
100mV unless otherwise noted.
Temperature (°C)
-40 -25 -10
5
20
35
50
65
80
95 110 125
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
1.8 V
3.3 V
5 V
Figure 8-7. Supply Current vs. Temperature
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
-20°
-40°
25°C
85°C
125°C
55°C
Figure 8-8. Supply Current vs. Supply Voltage
Input Voltage from V- (V)
-0.2
0.3
0.8
1.3
1.8
2.3
2.8
3.3
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
-40°C
-20°C
25°C
85°C
125°C
Figure 8-9. Supply Current vs. Common Mode - 3.3V
Input Voltage from V- (V)
-0.2
0.2
0.6
1
1.4
1.8
2
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
-40°C
-20°C
25°C
85°C
125°C
Figure 8-10. Supply Current vs. Common Mode - 1.8V
Input Voltage from V- (V)
-0.2
0.4
1
1.6
2.2
2.8
3.4
4
4.6
5.2
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
-40°C
-20°C
25°C
85°C
125°C
Figure 8-11. Supply Current vs. Common Mode - 5V
Overdrive (mV)
5 6 7 8 10
20
30 40 50 70 100
200 300
500
1
2
3
4
5
6
7
8
10
1.8V
3.3V
5V
Figure 8-12. High to Low Propagation Delay vs. Overdrive
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com