Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 1 Page - Texas Instruments

  TLV3012 Datasheet HTML 1Page - Texas Instruments TLV3012 Datasheet HTML 2Page - Texas Instruments TLV3012 Datasheet HTML 3Page - Texas Instruments TLV3012 Datasheet HTML 4Page - Texas Instruments TLV3012 Datasheet HTML 5Page - Texas Instruments TLV3012 Datasheet HTML 6Page - Texas Instruments TLV3012 Datasheet HTML 7Page - Texas Instruments TLV3012 Datasheet HTML 8Page - Texas Instruments TLV3012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators
With Integrated 1.24 V Voltage Reference
1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• Low quiescent current: 3.1 μA (maximum, "B"
version)
• Integrated voltage reference: 1.242 V
• Input common-mode range: 200 mV beyond rails
• Voltage reference initial accuracy: 1%
• Fail-safe inputs ("B" version)
• Power-on-reset ("B" version)
• Integrated hysteresis ("B" version)
• Open drain output option (TLV3011x-Q1)
• Push-pull output option (TLV3012x-Q1)
• Fast response time: 6 uS
• Low supply voltage = 1.65 V to 5.5 V ("B" version)
2 Applications
• Lane departure warning
• Cluster
• Toll tag
• Asset tracking
• Battery management systems
3 Description
The TLV3011-Q1 is a low-power, open-drain output
comparator; the TLV3012-Q1 is a push-pull output
comparator. Both devices feature an uncommitted on-
chip voltage reference and have a 5 μA (maximum)
quiescent current, an input common-mode range
200 mV beyond the supply rails, and single-supply
operation from 1.8 V to 5.5 V. The integrated 1.242
V series voltage reference offers low 100 ppm/°C
(maximum) drift, is stable with up to 10 nF capacitive
load, and can provide up to 0.5 mA (typical) of output
current.
The TLV3011B-Q1 and TLV3012B-Q1 "B" versions
add power-on-reset (POR), fail-safe inputs, built-in
hysteresis, a lower minimum supply voltage of 1.65
V and a 3.1 μA maximum quiescent current.
The family is available in both the tiny SOT23-6
package for space-conservative designs, and in the
SC-70 package for even greater board area savings.
All versions are specified for the temperature range of
–40°C to +125°C.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TLV3011-Q1,
TLV3012-Q1,
TLV3011B-Q1,
TLV3012B-Q1
SOT-23 (6)
2.90 mm × 1.60 mm
SC-70 (6)
2.00 mm × 1.25 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Reference Voltage (V)
1.230
1.235
1.240
1.245
1.250
0
500
1000
1500
2000
2500
3000
9860 Units
VS = 5.5V
No Load
TLV3012B-Q1 Reference Voltage Distribution
TLV3012B-Q1 Reference Voltage vs Temperature
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV3012

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
462Kb / 16P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012 TI-TLV3012 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3012 TI-TLV3012 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3012 TI-TLV3012 Datasheet
1Mb / 40P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
More results

Similar Description - TLV3012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1_V01 Datasheet
1Mb / 32P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
TLV7031-Q1 TI1-TLV7031-Q1 Datasheet
883Kb / 26P
TLV7031-Q1 and TLV7041-Q1 Small-Size, Low-Power Comparators
TLV4062-Q1 TI-TLV4062-Q1 Datasheet
1Mb / 27P
TLV4062-Q1, TLV4082-Q1 Dual, Low-Power Comparator with Integrated Reference
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
TLV3011-Q1 TI-TLV3011-Q1 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-Q1 TI-TLV3011-Q1_V01 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TL331LV-Q1 TI-TL331LV-Q1 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TLV3011 TI-TLV3011_V01 Datasheet
1Mb / 40P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TL331LV-Q1 TI1-TL331LV-Q1_V01 Datasheet
2Mb / 55P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED MARCH 2023
TL331LV-Q1 TI1-TL331LV-Q1_V02 Datasheet
2Mb / 58P
TL331LV-Q1, TL391LV-Q1, LM393LV-Q1 and LM339LV-Q1 Low Voltage Automotive Rail to Rail Input Comparators
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com