Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 6Page - Texas Instruments TLV3012 Datasheet HTML 7Page - Texas Instruments TLV3012 Datasheet HTML 8Page - Texas Instruments TLV3012 Datasheet HTML 9Page - Texas Instruments TLV3012 Datasheet HTML 10Page - Texas Instruments TLV3012 Datasheet HTML 11Page - Texas Instruments TLV3012 Datasheet HTML 12Page - Texas Instruments TLV3012 Datasheet HTML 13Page - Texas Instruments TLV3012 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
6.10 Switching Characteristics- TLV301x-Q1 DBV Package, TLV3011B-Q1 and TLV3012B-Q1
For VS (TOTAL SUPPLY VOLTAGE) = (V+) – (V–) = 1.8 V and 5.5 V, VCM = VS / 2 at TA = 25°C (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
TPD-LH
Propagation delay time, low-to-
high
f = 10 kHz, VSTEP = 1V, VOD = 10 mV, CL =
10 pF
12
µs
TPD-LH
Propagation delay time, low-to-
high
f = 10 kHz, VSTEP = 1V, VOD = 100 mV, CL
= 10 pF
6
µs
TPD-LH
Propagation delay time, low-
to-high (push-pull output, B-
Version)
f = 10 kHz, VSTEP = 200mV, VOD = 100
mV, CL = 10 pF
2
4
µs
TPD-HL
Propagation delay time, high-
to-low
f = 10 kHz, VSTEP = 1V, VOD = 10 mV, CL =
10 pF
13.5
µs
TPD-HL
Propagation delay time, high-
to-low
f = 10 kHz, VSTEP = 1V, VOD = 100 mV, CL
= 10 pF
6.5
µs
TPD-HL
Propagation delay time, high-
to-low (B-Versions)
f = 10 kHz, VSTEP = 200mV, VOD = 100
mV, CL = 10 pF
2
4
µs
TRISE
Output Rise Time, 20% to
80%, push-pull output
CL = 10 pF
100
ns
TRISE
Output Rise Time, 20%
to 80%, push-pull output (B-
Versions)
CL = 10 pF
10
ns
TRISE
Output Rise Time, 20% to 80%,
open-drain output
RL = 10 kΩ, CL = 10 pF
200
ns
TFALL
Output Fall Time, 80% to 20%
CL = 10 pF
100
ns
TFALL
Output Fall Time, 80% to 20%
(B-Versions)
CL = 10 pF
10
ns
TFALL
Output Fall Time, 80% to 20%,
open-drain output
RL = 10 kΩ, CL = 10 pF
200
ns
TFALL
Output Fall Time, 80% to 20%,
open-drain output (B-Versions)
RL = 10 kΩ, CL = 10 pF
10
ns
tON
Power on-time (B-Versions)
1.9
ms
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com