Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 18Page - Texas Instruments TLV3012 Datasheet HTML 19Page - Texas Instruments TLV3012 Datasheet HTML 20Page - Texas Instruments TLV3012 Datasheet HTML 21Page - Texas Instruments TLV3012 Datasheet HTML 22Page - Texas Instruments TLV3012 Datasheet HTML 23Page - Texas Instruments TLV3012 Datasheet HTML 24Page - Texas Instruments TLV3012 Datasheet HTML 25Page - Texas Instruments TLV3012 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
9.4.4 TLV3011B-Q1 and TLV3012B-Q1 Fail-Safe inputs
The TLV3011B-Q1 and TLV3012B-Q1 inputs are Fail-Safe up to 5.5V independent of V+ voltage. Fail-Safe is
defined as maintaining the same high input impedance when V+ is unpowered or within the recommended
operating ranges.
The Fail-Safe inputs can be any value between 0 V and 5.5 V, even while V+ is zero or ramping up or down.
This feature avoids power sequencing issues as long as the input voltage range and supply voltage are within
the specified ranges. This is possible since the inputs are not clamped to V+ and the input current maintains its
value even when a higher voltage is applied to the inputs.
As long as one of the input pins remains within the valid input range, and the supply voltage is valid and not in
POR, the output state will be correct.
The following is a summary of the TLV3011B-Q1 and TLV3012B-Q1 device input voltage excursions and their
outcomes:
1. When both IN- and IN+ are within the specified input voltage range:
a. If IN- is higher than IN+ and the offset voltage, the output is low.
b. If IN- is lower than IN+ and the offset voltage, the output is high.
2. When IN- is higher than the specified input voltage range and IN+ is within the specified voltage range, the
output is low.
3. When IN+ is higher than the specified input voltage range and IN- is within the specified input voltage range,
the output is high
4. When IN- and IN+ are both outside the specified input voltage range, the output state is indeterminate
(random). Do not operate in this region.
Because the inputs do not have upper ESD diode clamps to V+, input voltages must be externally clamped to
below 5.5 V if the source could possibly exceed 5.5 V. A current limiting resistor in series with the input is also
recommend in case of input transients.
9.4.5 TLV3011B-Q1 and TLV3012B-Q1 Power On Reset
The TLV3011B-Q1 and TLV3012B-Q1 have an internal Power-on-Reset (POR) circuit for known start-up or
power-down conditions. While the power supply (V+) is ramping up or ramping down, the POR circuitry will be
activated for up to 1.9ms after the minimum supply voltage threshold is crossed, or immediately when the supply
voltage drops below minimum supply. When the supply voltage is equal to or greater than the minimum supply
voltage, and after the delay period, the comparator output reflects the state of the differential input (VID). This
delay is long enough to allow the reference output to stabilize with up to a 10nF capacitive load.
During the POR period (ton), the outputs will be the following:
• The open drain output TLV3011B-Q1 will be high (Hi-Z).
• The push-pull output TLV3012B-Q1 will be low (sinking).
Power On Reset Time (tON)
VOH / 2
VOL
OUT
VS
+1.5V
0V
Figure 9-1. Power-On Reset Example Timing Diagram for Push-Pull Output
Note that it the nature of an open collector output that the output will rise with the pull-up voltage during the HI-Z
POR period.
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com