Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 11Page - Texas Instruments TLV3012 Datasheet HTML 12Page - Texas Instruments TLV3012 Datasheet HTML 13Page - Texas Instruments TLV3012 Datasheet HTML 14Page - Texas Instruments TLV3012 Datasheet HTML 15Page - Texas Instruments TLV3012 Datasheet HTML 16Page - Texas Instruments TLV3012 Datasheet HTML 17Page - Texas Instruments TLV3012 Datasheet HTML 18Page - Texas Instruments TLV3012 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
8 Typical Characteristics - TLV301x-Q1 DBV Package, TLV3011B-Q1 and TLV3012B-Q1
For VS (Total Supply Voltage) = (V+) – (V–) = +5V, VCM = VS /2 at TA = 25°C , RPULLUP = 1MΩ to V+, CL = 15pF, VOD =
100mV unless otherwise noted.
Output Sinking Current (mA)
0.001
0.01
0.1 0.2 0.5 1 2 3 5 710 20 50 100
5
10
20
30
50
100
200
300
500
1000
2000
3000
5000
125°C
25°C
-40°C
Figure 8-1. Output Swing vs. Output Sinking Current - 1.8V
Output Sourcing Current (mA)
0.001
0.01
0.1 0.2 0.5 1 2 3 5 710 20 50 100
5
10
20
30
50
100
200
300
500
1000
2000
3000
5000
Push-Pull Output Only
No Load
125°C
25°C
-40°C
Figure 8-2. Output Swing vs. Output Sourcing Current - 1.8V
Output Sinking Current (mA)
0.001
0.01
0.1 0.2 0.5 1 2 3 5 710 20 50 100
5
10
20
30
50
100
200
300
500
1000
2000
3000
5000
125°C
25°C
-40°C
Figure 8-3. Output Swing vs. Output Sinking Current - 3.3V
Output Sourcing Current (mA)
0.001
0.01
0.1 0.2 0.5 1 2 3 5 710 20 50 100
5
10
20
30
50
100
200
300
500
1000
2000
3000
5000
Push-Pull Output Only
No Load
125°C
25°C
-55°C
Figure 8-4. Output Swing vs. Output Sourcing Current - 3.3V
Figure 8-5. Output Swing vs. Output Sinking Current - 5V
Output Sourcing Current (mA)
0.001
0.01
0.1 0.2 0.5 1 2 3 5 710 20 50 100
5
10
20
30
50
100
200
300
500
1000
2000
3000
5000
Push-Pull Output Only
No Load
125°C
25°C
-40°C
Figure 8-6. Output Swing vs. Output Sourcing Current - 5V
www.ti.com
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com