Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 20Page - Texas Instruments TLV3012 Datasheet HTML 21Page - Texas Instruments TLV3012 Datasheet HTML 22Page - Texas Instruments TLV3012 Datasheet HTML 23Page - Texas Instruments TLV3012 Datasheet HTML 24Page - Texas Instruments TLV3012 Datasheet HTML 25Page - Texas Instruments TLV3012 Datasheet HTML 26Page - Texas Instruments TLV3012 Datasheet HTML 27Page - Texas Instruments TLV3012 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
TLV3012-Q1
V+
5 V
REF
–
+
V
IN
V
REF
V
OUT
V
HYST = 0.38 V
R1
39 kΩ
R2
560 kΩ
Copyright © 2016, Texas Instruments Incorporated
Figure 10-2. Adding Hysteresis
The VHYST voltage sets the value of the transition voltage required to switch the comparator output by increasing
the threshold region, thereby reducing sensitivity to noise.
10.1.2 TLV3011B-Q1 and TLV3012B-Q1 Hysteresis
The TLV3011B-Q1 and TLV3012B-Q1 have typically 6mV of built-in hysteresis. External hysteresis can still be
added as explained in the previous section.
10.2 Typical Application
10.2.1 Under-Voltage Detection
Under-voltage detection is frequently required to alert the system that a battery voltage has dropped below the
usable voltage level. Figure 23 shows a simple under-voltage detection circuit using the TLV3012-Q1 which is
configured as a non-inverting comparator with the integrated 1.242 V reference is externally connected to the
inverting input pin (IN-).
V
BAT
ALERT
Micro-
controller
V+
1.242V
+
t
TLV3012-Q1
R
1
R
2
Figure 10-3. Under-Voltage Detection
10.2.1.1 Design Requirements
For this design, follow these design requirements:
• Operate from power supply that powers the microcontroller.
• Under-voltage alert is active low.
• Logic low output when VBAT is less than 2.0V.
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com