Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 22Page - Texas Instruments TLV3012 Datasheet HTML 23Page - Texas Instruments TLV3012 Datasheet HTML 24Page - Texas Instruments TLV3012 Datasheet HTML 25Page - Texas Instruments TLV3012 Datasheet HTML 26Page - Texas Instruments TLV3012 Datasheet HTML 27Page - Texas Instruments TLV3012 Datasheet HTML 28Page - Texas Instruments TLV3012 Datasheet HTML 29Page - Texas Instruments TLV3012 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
10.2.1.3 Application Curve
T
Time (s)
1.30
1.45
1.60
1.75
1.90
2.05
2.20
IN
0.00
2.00
VBAT
0.00
3.30
Vout
3.30
1.242
2.00
OUT (V)
IN+ (V)
VBAT (V)
Time (s)
0.00
Figure 10-4.
10.3 System Examples
10.3.1 Power-On Reset
The reset circuit shown in Figure 10-5 provides a time-delayed release of reset to the MSP430™ microcontroller.
Operation of the circuit is based on a stabilization time constant of the supply voltage, rather than on a
predetermined voltage value. The negative input is a reference voltage created by the internal voltage reference.
The positive input is an RC circuit that provides a power-up delay. When power is applied, the output of the
comparator is low, holding the processor in the reset condition. Only after allowing time for the supply voltage
to stabilize does the positive input of the comparator become higher than the negative input, resulting in a
high output state, releasing the processor for operation. The stabilization time required for the supply voltage
is adjustable by the selection of the RC component values. Use of a lower-valued resistor in this portion of the
circuit does not increase current consumption, because no current flows through the RC circuit after the supply
has stabilized.
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
www.ti.com
26
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com