Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 19Page - Texas Instruments TLV3012 Datasheet HTML 20Page - Texas Instruments TLV3012 Datasheet HTML 21Page - Texas Instruments TLV3012 Datasheet HTML 22Page - Texas Instruments TLV3012 Datasheet HTML 23Page - Texas Instruments TLV3012 Datasheet HTML 24Page - Texas Instruments TLV3012 Datasheet HTML 25Page - Texas Instruments TLV3012 Datasheet HTML 26Page - Texas Instruments TLV3012 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The TLV301x-Q1 and TLV301xB-Q1 comparator family with on-chip 1.242-V series reference with the choice of
either open-drain or push-pull output stages.
A typical supply current of 2.4 μA and small packaging combine with 1.65-V supply requirements to make the
TLV301xB-Q1 devices optimal for battery and portable designs.
Figure 10-1 shows the typical connections for the TLV3012-Q1 device.
4
3
5
REF
2
1
6
TLV3012-Q1
V+
0.01 µF
10 µF
V
OUT
V
IN–
V
IN+
V–
Copyright © 2016, Texas Instruments Incorporated
Figure 10-1. Basic Connections
10.1.1 External Hysteresis
Comparator inputs have no noise immunity within the range of the specified offset voltage. For noisy input
signals, the comparator output may display multiple switching as input signals move through the switching
threshold. The typical comparator threshold of the TLV3012-Q1 device is ±0.5 mV. To prevent multiple switching
within the comparator threshold of the TLV3012-Q1 device, external hysteresis may be added by connecting
a small amount of feedback to the positive input. Figure 10-2 shows a typical topology used to introduce
hysteresis, described by Equation 1.
V
=
HYST
V+ × R1
R1 + R2
(1)
www.ti.com
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com