Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 8Page - Texas Instruments TLV3012 Datasheet HTML 9Page - Texas Instruments TLV3012 Datasheet HTML 10Page - Texas Instruments TLV3012 Datasheet HTML 11Page - Texas Instruments TLV3012 Datasheet HTML 12Page - Texas Instruments TLV3012 Datasheet HTML 13Page - Texas Instruments TLV3012 Datasheet HTML 14Page - Texas Instruments TLV3012 Datasheet HTML 15Page - Texas Instruments TLV3012 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
7 Typical Characteristics - TLV3012-Q1 DCK Package Only (continued)
At TA = 25°C, VS = 1.8 V to 5.5 V, and Input Overdrive = 100 mV, unless otherwise noted.
0.01
Capacitive Load – nF
1
10
0.1
100
1k
80
70
60
50
40
30
20
10
0
V = 5 V
S
V = 3 V
S
V = 1.8 V
S
Figure 7-7. Propagation Delay (tPHL) vs Capacitive Load
0
Input Overdrive
mV
–
40
50
60
10
20
30
70
90
80
100
20
18
16
14
12
10
8
6
4
V = 5 V
S
V = 3 V
S
V = 1.8 V
S
Figure 7-8. Propagation Delay (tPLH) vs Input Overdrive
0
Input Overdrive – mV
40
50
60
10
20
30
70
90
80
100
20
18
16
14
12
10
8
6
4
V = 1.8 V
S
V = 5 V
S
V = 3 V
S
Figure 7-9. Propagation Delay (tPHL) vs Input Overdrive
-50
Temperature – °C
25
50
-25
0
75
100
125
8
7.5
7
6.5
6
5.5
5
4.5
4
V = 1.8 V
S
V = 3 V
S
V = 5 V
S
Figure 7-10. Propagation Delay (tPLH) vs Temperature
Temperature – °C
8
7.5
7
6.5
6
5.5
5
4.5
4
V = 1.8 V
S
V = 5 V
S
V = 3 V
S
-50
25
50
-25
0
75
100
125
Figure 7-11. Propagation Delay (tPHL) vs Temperature
2 µs/div
V = 2.5 V
S
V
IN–
V
IN+
V
OUT
TLV3012
TLV3011
Figure 7-12. Propagation Delay (tPLH)
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com