Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 23Page - Texas Instruments TLV3012 Datasheet HTML 24Page - Texas Instruments TLV3012 Datasheet HTML 25Page - Texas Instruments TLV3012 Datasheet HTML 26Page - Texas Instruments TLV3012 Datasheet HTML 27Page - Texas Instruments TLV3012 Datasheet HTML 28Page - Texas Instruments TLV3012 Datasheet HTML 29Page - Texas Instruments TLV3012 Datasheet HTML 30Page - Texas Instruments TLV3012 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
+
–
V+
R1
1 MΩ
DI
C1
10 nF
1.242 V
TLV3012-Q1
MSP430™
RESET
REF
Copyright © 2016, Texas Instruments Incorporated
Figure 10-5. TLV3012-Q1 Configured as Power-Up Reset Circuit for the MSP430™ Microcontroller
The reset delay needed depends on the power-up characteristics of the system power supply. R1 and C1 are
selected to allow enough time for the power supply to stabilize. D1 provides rapid reset if power is lost. In this
example, the R1 × C1 time constant is 10 ms.
10.3.2 Relaxation Oscillator
The TLV3012-Q1 device can be configured as a relaxation oscillator to provide a simple and inexpensive clock
output (see Figure 10-6). The capacitor is charged at a rate of T = 0.69RC and discharges at a rate of 0.69RC.
Therefore, the period is T = 1.38RC. R1 may be a different value than R2.
V+
F = 724 Hz
V+
2/3 (V+)
1/3 (V+)
R2
1 MΩ
R1
1 MΩ
R2
1 MΩ
R2
1 MΩ
V
OUT
V
C
V+
t
C
1000 pF
T
1
T
2
t
TLV3012-Q1
Copyright © 2016, Texas Instruments Incorporated
Figure 10-6. TLV3012-Q1 Configured as Relaxation Oscillator
10.4 Power Supply Recommendations
The TLV3012-Q1 has a recommended operating voltage range (VS) of 1.8 V to 5.5 V. VS is defined as (V+) –
(V-). Therefore, the supply voltages used to create VS can be single-ended or bipolar. For example, single-ended
supply voltages of 5 V and 0 V and bipolar supply voltages of +2.5 V and –2.5 V create comparable operating
voltages for VS. However, when bipolar supply voltages are used, it is important to realize that the reference
www.ti.com
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com