Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 9Page - Texas Instruments TLV3012 Datasheet HTML 10Page - Texas Instruments TLV3012 Datasheet HTML 11Page - Texas Instruments TLV3012 Datasheet HTML 12Page - Texas Instruments TLV3012 Datasheet HTML 13Page - Texas Instruments TLV3012 Datasheet HTML 14Page - Texas Instruments TLV3012 Datasheet HTML 15Page - Texas Instruments TLV3012 Datasheet HTML 16Page - Texas Instruments TLV3012 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
7 Typical Characteristics - TLV3012-Q1 DCK Package Only (continued)
At TA = 25°C, VS = 1.8 V to 5.5 V, and Input Overdrive = 100 mV, unless otherwise noted.
2 µs/div
V = 2.5 V
S
V
IN+
V
IN–
V
OUT
Figure 7-13. Propagation Delay (tPHL)
2 µs/div
V = 0.9 V
S
V
IN–
V
IN+
V
OUT
Figure 7-14. Propagation Delay (tPLH)
2 µs/div
V = 0.9 V
S
V
IN–
V
IN+
V
OUT
Figure 7-15. Propagation Delay (tPHL)
Output Load Current, Sourcing – mA
1.24205
1.24200
1.24195
1.24190
1.24185
1.24180
1.24175
1.24170
1.24165
1.24160
0
0.6
0.8
0.2
0.4
1
1.2
Figure 7-16. Reference Voltage vs Output Load Current
(Sourcing)
Output Load Current, Sinking – mA
1.250
1.249
1.248
1.247
1.246
1.245
1.244
1.243
1.242
1.241
0
0.6
0.8
1
0.2
0.4
1.2
Figure 7-17. Reference Voltage vs Output Load Current
(Sinking)
Temperature – °C
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
-100
50
100
-50
0
150
Figure 7-18. Reference Voltage vs Temperature
www.ti.com
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com