Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 21Page - Texas Instruments TLV3012 Datasheet HTML 22Page - Texas Instruments TLV3012 Datasheet HTML 23Page - Texas Instruments TLV3012 Datasheet HTML 24Page - Texas Instruments TLV3012 Datasheet HTML 25Page - Texas Instruments TLV3012 Datasheet HTML 26Page - Texas Instruments TLV3012 Datasheet HTML 27Page - Texas Instruments TLV3012 Datasheet HTML 28Page - Texas Instruments TLV3012 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
10.2.1.2 Detailed Design Procedure
Configure the circuit as shown in Figure 10-3. Connect (V+) to VBAT which also powers the microcontroller.
Resistors R1 and R2 create the under-voltage alert level of 2.0 V. When the battery voltage sags down to 2.0
V, the resistor divider voltage crosses VREF, the 1.242 V reference threshold of the TLV3012-Q1. This causes
the comparator output to transition from a logic high to a logic low. The push-pull output of the TLV3012-Q1
is selected since the comparator operating voltage is shared with the microcontroller which is receiving the
under-voltage alert signal.
Equation 2 is derived from the analysis of Figure 10-3.
(2)
where
• R1 and R2 are the resistor values for the resistor divider connected to IN+
• VBAT is the voltage source that is being monitored for an undervoltage condition.
• VREF is the falling edge threshold where the comparator output changes state from high to low
Rearranging Equation 2 and solving for R1 yields Equation 3.
(3)
For the specific undervoltage detection of 2.0 V using the TLV3012-Q1, the following results are calculated.
(4)
where
• R2 is set to 1 MΩ
• VBAT is set to 2.0 V
• VREF is set to1.242 V
Choose RTOTAL (R1 + R2) such that the current through the divider is at least 100 times higher than the input bias
current (IBIAS). The resistors can have high values to minimize current consumption in the circuit without adding
significant error to the resistive divider.
www.ti.com
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com