Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3012 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Datasheet(HTML) 3 Page - Texas Instruments

  TLV3012 Datasheet HTML 1Page - Texas Instruments TLV3012 Datasheet HTML 2Page - Texas Instruments TLV3012 Datasheet HTML 3Page - Texas Instruments TLV3012 Datasheet HTML 4Page - Texas Instruments TLV3012 Datasheet HTML 5Page - Texas Instruments TLV3012 Datasheet HTML 6Page - Texas Instruments TLV3012 Datasheet HTML 7Page - Texas Instruments TLV3012 Datasheet HTML 8Page - Texas Instruments TLV3012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Pin Configuration and Functions
1
2
3
4
6
IN-
REF
IN+
OUT
V-
5
V+
Figure 5-1. DCK, DBV Package
6-Pin SC-70, SOT-23
Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUT
O
Comparator Output
2
V–
-
Negative (lowest) power supply
3
IN+
I
Non-inverting comparator input
4
IN–
I
Inverting comparator input
5
REF
O
Reference Output
6
V+
-
Positive (highest) power supply
www.ti.com
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com