Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 104 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 104 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 100Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 101Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 102Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 103Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 104Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 105Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 106Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 107Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 108Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 122 page
background image
Electrical Specifications
General Release Specification
MC68HC05RC16 — Rev. 3.0
Electrical Specifications
11.3 Maximum Ratings
Maximum ratings are the extreme limits to which the MCU can be
exposed without permanently damaging it.
The MCU contains circuitry to protect the inputs against damage from
high static voltages; however, do not apply voltages higher than those
shown in the table below. Keep V
IN and VOUT within the range
V
SS ≤ (VIN or VOUT) ≤ VDD. Connect unused inputs to the appropriate
voltage level, either V
SS or VDD.
NOTE:
This device is not guaranteed to operate properly at the maximum
ratings. Refer to 11.6 DC Electrical Characteristics (5.0 Vdc) and 11.7
DC Electrical Characteristics (2.2 Vdc) for guaranteed operating
conditions.
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Burn-In Mode (IRQ Pin Only)
VIN
VSS –0.3
to
2 x VDD + 0.3
V
Current Drain Per Pin Excluding VDD and VSS
I25
mA
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com