Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 108 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 108 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 104Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 105Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 106Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 107Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 108Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 109Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 110Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 111Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 112Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 122 page
background image
Electrical Specifications
General Release Specification
MC68HC05RC16 — Rev. 3.0
Electrical Specifications
Figure 11-1. Maximum Supply Current versus Internal Clock Frequency
RUN
I DD
RUN
I DD
WAIT
IDD
WAIT
IDD
0
1.0
2.0
3.0
4.0
0.5
2.0
1.0
1.5
VDD = 5.5 V
TA = –0 °C to 70 °C
0
2.5
INTERNAL CLOCK FREQUENCY (MHz)
XTAL
÷ 2
2.1
0.5
2.0
1.0
1.5
VDD = 2.4 V
TA = –0 °C to 70 °C
0
2.5
INTERNAL CLOCK FREQUENCY (MHz)
XTAL
÷ 2
2.1
0
0.2
0.6
0.8
1.0
0.3
0.4
STOP IDD (20 µA)
STOP IDD (4 µA)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com