Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 109 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 105Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 106Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 107Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 108Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 109Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 110Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 111Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 112Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 122 page
background image
Electrical Specifications
Control Timing (5.0 Vdc and 2.2 Vdc)
MC68HC05RC16 — Rev. 3.0
General Release Specification
Electrical Specifications
11.8 Control Timing (5.0 Vdc and 2.2 Vdc)
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
Crystal
External Clock
fosc
—
dc
4.2
4.2
MHz
Internal Operating Frequency
Crystal (f
OSC /2)
External Clock (f
OSC /2)
fop
—
dc
2.1
2.1
MHz
Cycle Time
tcyc
480
—
ns
Crystal Oscillator Startup Time
tOXOV
—
100
ms
Stop Recovery Startup Time (Crystal Oscillator)
tILCH
—
100
ms
RESET Pulse Width
tRL
1.5
—
tcyc
Interrupt Pulse Width Low (Edge-Triggered)
tILIH
125
—
ns
Interrupt Pulse Period
tILIL
Note 2
—
tcyc
OSC1 Pulse Width
tOH, tOL
90
—
ns
NOTES:
1. V
DD = 2.0 to 5.5 Vdc, VSS = 0 Vdc, TA = 0
oC to +70 oC, unless otherwise noted
2. The minimum period, t
ILI, should not be less than the number of cycle times it takes to execute the interrupt service
routine plus 19 t
CYC.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com