Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet(PDF) 106 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 102Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 103Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 104Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 105Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 106Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 107Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 108Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 109Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 122 page
background image
Electrical Specifications
General Release Specification
MC68HC05RC16 — Rev. 3.0
Electrical Specifications
11.6 DC Electrical Characteristics (5.0 Vdc)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
I
LOAD = 10.0 µA
I
LOAD = –10.0 µA
V
OL
V
OH
—
V
DD– 0.1
—
—
0.1
—
V
Output High Voltage
(I
LOAD –2.0 mA) Port A, Port B, Port C (1–7)
(I
LOAD –20 mA) IRO
(I
LOAD –4.0 mA) Port C (Bit 0)
V
OH
V
DD –0.8
V
DD –0.8
V
DD –0.8
V
DD –0.2
V
DD –0.2
V
DD –0.2
—
—
—
V
Output Low Voltage
(I
LOAD = 3.0 mA) Port A, Port B, Port C (1–7)
(I
LOAD = 25.0 mA) IRO
(I
LOAD = 20.0 mA) Port C (Bit 0)
V
OL
—
—
—
0.2
0.2
0.2
0.4
0.4
0.4
V
Input High Voltage
Port A, Port B, Port C, IRQ, RESET,
LPRST, OSC1
V
IH
0.7xV
DD
—V
DD
V
Input Low Voltage
Port A, Port B, Port C, IRQ, RESET,
LPRST, OSC1
V
IL
V
SS
—
0.2 x V
DD
V
Supply Current (see Notes)
Run
Wait
Stop
25 oC
0 to +70 oC
I
DD
—
—
—
—
2.3
0.5
0.3
0.3
4.0
1.0
10.0
20.0
mA
mA
µA
µA
I/O Ports Hi-Z Leakage Current
Port A, Port B, Port C
I
OZ
–10
—
10
µA
Input Current
RESET, LPRST, IRQ, OSC1
PB0–PB7 with Pullups Enabled
(VIN = 0.2 x VDD)
8
PB0–PB7 with Pullups Enabled
(VIN = 0.7 x VDD)
I
IN
–1
–100
–50
—
–330
–120
1
–700
–300
µA
Capacitance
Ports (as Input or Output)
RESET, LPRST, IRQ
C
OUT
C
INT
—
—
—
—
12
8
pF
NOTES:
1.
VDD = 5.0 Vdc ± 10%, VSS = 0 Vdc, TA = 0 °C to +70 °C, unless otherwise noted
2.
Typical values at midpoint of voltage range, 25
°C only, represent average measurements.
3.
Wait IDD: only core timer active
4.
Run (Operating) IDD, wait IDD: Measured using external square wave clock source (fOsc = 4.2 MHz); all inputs 0.2 V
from rail; no dc loads; less than 50 pF on all outputs; CL = 20 pF on OSC2
5.
Wait, Stop IDD: Port A and port C configured as inputs, port B configured as outputs, VIL = 0.2 V, VIH = VDD –0.2 V
6.
Stop IDD is measured with OSC1 = VSS.
7.
Wait IDD is affected linearly by the OSC2 capacitance.
8.
Pullups are designed to be capable of pulling to VIH within 1 µs for a 100 pF, 4-kΩ load.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com