Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 112 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 108Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 109Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 110Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 111Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 112Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 113Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 114Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 115Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
Electrical Specifications
General Release Specification
MC68HC05RC17 — Rev. 2.0
Electrical Specifications
12.3 Maximum Ratings
Maximum ratings are the extreme limits to which the MCU can be
exposed without permanently damaging it.
The MCU contains circuitry to protect the inputs against damage from
high static voltages; however, do not apply voltages higher than those
shown in the table below. Keep VIN and VOUT within the range
VSS ≤ (VIN or VOUT) ≤ VDD. Connect unused inputs to the appropriate
voltage level, either VSS or VDD.
NOTE:
This device is not guaranteed to operate properly at the maximum
ratings. Refer to 12.6 DC Electrical Characteristics (5.0 Vdc), 12.7 DC
Electrical Characteristics (3.3 Vdc),
and 12.8 DC Electrical
Characteristics (2.2 Vdc)
for guaranteed operating conditions.
Rating
Symbol
Value
Unit
Supply Voltage
VDD
–0.3 to +7.0
V
Input Voltage
VIN
VSS –0.3
to VDD + 0.3
V
Current Drain Per Pin Excluding VDD and VSS
I25
mA
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com