Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 116 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 112Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 113Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 114Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 115Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 116Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 117Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 118Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 119Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 128 page
background image
Electrical Specifications
General Release Specification
MC68HC05RC17 — Rev. 2.0
Electrical Specifications
12.8 DC Electrical Characteristics (2.2 Vdc)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
ILoad = 10.0 µA
ILoad = –10.0 µA
VOL
VOH
—
VDD –0.1
—
—
0.1
—
V
Output High Voltage
(ILoad –0.6 mA) Port A, Port B, Port C (1–7)
(ILoad –2.5 mA) IRO
(ILoad –1.2 mA) Port C (Bit 0)
VOH
VDD –0.3
VDD –0.7
VDD –0.3
VDD –0.1
VDD –0.1
VDD –0.1
—
—
—
V
Output Low Voltage
(ILoad = 1.0 mA) Port A, Port B, Port C (1–7)
(ILoad = 8.0 mA) IRO
(ILoad = 7.0 mA) Port C (Bit 0)
VOL
—
—
—
0.1
0.1
0.1
0.3
0.8
0.3
V
Input High Voltage
Port A, Port B, Port C, IRQ, RESET, LPRST, OSC1
VIH
0.7xVDD
—VDD
V
Input Low Voltage
Port A, Port B, Port C, IRQ, RESET, LPRST, OSC1
VIL
VSS
—
0.4 x VDD
V
Supply Current (see Notes)
Run (fOP = 1.0 MHz)
Wait with PLL Enabled (fOP = 1.0 MHz)
Wait with PLL Disabled (fOP = 16.384 kHz)
Stop
25 oC
0 oC to +70 oC
IDD
—
—
—
—
—
0.5
0.2
21.0
0.1
0.1
1.0
0.8
40.0
1.0
4.0
mA
mA
µA
µA
µA
I/O Ports Hi-Z Leakage Current
Port A, Port B, Port C
IOZ
–4
—
4
µA
Input Current
RESET, LPRST, IRQ, OSC1
PB0–PB7 with Pullups Enabled (VIN = 0.4 x VDD)
PB0–PB7 with Pullups Enabled (VIN = 0.7 x VDD)
IIn
–0.4
–25
–15
—
–79
–35
0.4
–105
–65
µA
Capacitance
Ports (as Input or Output)
RESET, LPRST, IRQ
COut
CINT
—
—
—
—
12
8
pF
NOTES:
1. VDD = 2.2 Vdc ± 10%, VSS = 0 Vdc, TA = 0 °C to +70 °C, unless otherwise noted
2. All values shown reflect average measurements.
3. Typical values at midpoint of voltage range, 25 oC only
4. All current measurements represent the summation of current through VDD and VDDSYN supply pins.
5. To minimize current consumption in wait mode, disable the PLL before executing the WAIT instruction. Internal bus
speed will be fosc of crystal ÷ 2.
6. Wait IDD: only core timer active
7. Run (with PLL enabled) IDD, wait IDD (with PLL enabled): Measured using external square wave clock source
(fOSC = 2.0 MHz); all inputs 0.2 V from rail; no dc loads; less than 50 pF on all outputs; CL = 20 pF on OSC2. Wait
IDD (with PLL disabled): Measured using external square wave clock source (fosc = 33 kHz).
8. Wait, stop IDD: Port A and port C configured as inputs, port B configured as outputs, VIL = 0.2 V, VIH = VDD –0.2 V
9. Stop IDD is measured with OSC1 = VSS.
10. Wait IDD is affected linearly by the OSC2 capacitance.
11. Pullups are designed to be capable of pulling to VIH within 25 µs for a 100 pF, 4-kΩ load.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com