Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC17GRS/D Datasheet(PDF) 119 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 115Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 116Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 117Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 118Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 119Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 120Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 121Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 122Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
Electrical Specifications
MC68HC05RC17 — Rev. 2.0
General Release Specification
Electrical Specifications
Figure 12-1. 5.5-Volt Maximum Supply Current vs Internal Clock Frequency
Figure 12-2. 3.6-Volt Maximum Supply Current vs Internal Clock Frequency
0
0.5
1.0
1.5
2.0
2.5
5.00
4.50
4.00
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
INTERNAL BUS FREQUENCY (MHz)
2.1 MHz
SPECIFICATION
LIMIT
RUN
I DD
WAIT IDD
NOTE: Run and wait IDD measurements are with the PLL enabled.
Stop IDD measurements are with the PLL disabled.
Current values represent the summation of VDD and VDDSYN currents.
VDD = 5.5 V, TA = 0 °C to +70 °C
STOP IDD (20 µA MAX)
0
0.5
1.0
1.5
2.0
2.5
2.5
2.0
1.5
1.0
0.5
0
INTERNAL BUS FREQUENCY (MHz)
2.1 MHz
SPECIFICATION
LIMIT
RUN
I DD
WAIT IDD
NOTE: Run and wait IDD measurements are with the PLL enabled.
Stop IDD measurements are with the PLL disabled.
Current values represent the summation of VDD and VDDSYN currents.
VDD = 3.6 V, TA = 0 °C to +70 °C
STOP IDD (8 µA MAX)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com