Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 53Page - STMicroelectronics L9961 Datasheet HTML 54Page - STMicroelectronics L9961 Datasheet HTML 55Page - STMicroelectronics L9961 Datasheet HTML 56Page - STMicroelectronics L9961 Datasheet HTML 57Page - STMicroelectronics L9961 Datasheet HTML 58Page - STMicroelectronics L9961 Datasheet HTML 59Page - STMicroelectronics L9961 Datasheet HTML 60Page - STMicroelectronics L9961 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
Table 43. VFQFPN (5x5x1.00 mm) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
Notes
A
0.80
0.90
1.00
12
A1
0.00
0.05
9, 12
A2
0.2 REF.
A3
0.10
12
b
0.20
0.25
0.30
5, 6, 7, 12,
13
D
5.00 BSC
4, 12
D2
3.50
3.60
3.70
10, 12
e
0.50 BSC
12
E
5.00 BSC
4, 12
E2
3.50
3.60
3.70
10, 12
L
0.30
0.40
0.50
12, 13
k
0.20
N
32
8
Table 44. Tolerance of form and position
Symbol
Tolerance of form and position
Notes
aaa
0.15
bbb
1.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
Note
1, 12
Ref
aaa
The bilateral profile tolerance that
controls the position of the plastic body
sides. The centers of the profile zones
are defined by the basic dimensions D
and E.
bbb
The tolerance that controls the position
of the entire terminal pattern with
respect to Datum’s A and B. The center
of the tolerance zone for each terminal
is defined by the basic dimension “e” as
related to Datum’s A and B.
ccc
The tolerance located parallel to the
seating plane in which the top surface
of the package must be located.
ddd
The tolerance that controls the position
of the terminals to each other. The
centers of the profile zones are defined
by basic dimension “e”.
This tolerance is normally compounded
with tolerance zone defined by bbb.
L9961
VFQFPN (5x5x1.00 mm) package information
DS14012 - Rev 3
page 57/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com