Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 14Page - STMicroelectronics L9961 Datasheet HTML 15Page - STMicroelectronics L9961 Datasheet HTML 16Page - STMicroelectronics L9961 Datasheet HTML 17Page - STMicroelectronics L9961 Datasheet HTML 18Page - STMicroelectronics L9961 Datasheet HTML 19Page - STMicroelectronics L9961 Datasheet HTML 20Page - STMicroelectronics L9961 Datasheet HTML 21Page - STMicroelectronics L9961 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
105 °C < TJ < 120 °C
VCELL_NOISE
Cell conversion noise
1
LSB rms
TCELL_FILTER1
Cell and VB acquisition filter time
0.8
ms
TCELL_FILTER2
Cell and VB acquisition filter time
1.31
ms
TCELL_FILTER3
Cell and VB acquisition filter time
4.38
ms
TCELL_FILTER4
Cell and VB acquisition filter time
16.67
ms
VCELL_OV_TH
Programmable cell OV fault threshold (8
bit)
VCELLOVTH=16VCELL_RES*CODE
0
5
V
NCELL_OV_CNT_TH
Programmable cell OV event counter
threshold (4 bit)
1
15
events
VCELL_SEVERE_OV
_DELTA_TH
Programmable cell severe OV threshold
(positive delta in respect to cell OV
threshold, 8 bit)
VCELLSEVEREOVTH=VCELLOVTH
+16VCELL_RES*CODE
In case of overflow, the
VCELLSEVEREOVTHissaturatedtothe
max. specified value
0
5
V
VCELL_UV_TH
Programmable cell UV fault threshold (8
bit)
VCELLUVTH=16VCELL_RES*CODE
0
5
V
NCELL_UV_CNT_TH
Programmable cell UV event counter
threshold (4 bit)
1
15
events
VCELL_SEVERE_UV
_DELTA_TH
Programmable cell severe OV threshold
(negative delta in respect to cell UV
threshold, 8 bit)
VCELLSEVEREUVTH=VCELLUVTH
−16VCELL_RES*CODE
In case of underflow, the
VCELLSEVEREUVTHissaturatedtothe
min. specified value
0
5
V
VCELL_BAL_UV_DE
LTA_TH
Programmable balancing UV threshold
(positive delta in respect to cell UV
threshold, 8 bit)
VCELLBALUVTH=VCELLUVTH
+16VCELL_RES*CODE
In case of overflow, the
VCELLSEVEREUVTHissaturatedtothe
max. specified value
0
5
V
NCELL_BAL_UV_CN
T_TH
Programmable balance UV event counter
threshold (4 bit)
1
15
events
L9961
Voltage conversion routine
DS14012 - Rev 3
page 18/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com