Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 38Page - STMicroelectronics L9961 Datasheet HTML 39Page - STMicroelectronics L9961 Datasheet HTML 40Page - STMicroelectronics L9961 Datasheet HTML 41Page - STMicroelectronics L9961 Datasheet HTML 42Page - STMicroelectronics L9961 Datasheet HTML 43Page - STMicroelectronics L9961 Datasheet HTML 44Page - STMicroelectronics L9961 Datasheet HTML 45Page - STMicroelectronics L9961 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
3.10.3
Single read/block read
The READ operation shall be used to retrieve information from the internal I2C registers. However, as the device
implements a clear on write approach, it will not clear any latch.
Figure 13. I2C generic READ operation
GADG220620221333SA
The elementary READ operation consists of:
1.
A START condition
2.
The SLAVE ADDRESS byte (with R/ W = 0) identifying the slave device to be activated
3.
The REGISTER ADDRESS byte identifying the memory address where data has to be read
4.
A STOP condition
This first instruction subset loads the starting address into the memory address counter. Then the following
sequence starts the download of the data:
1.
A START condition
2.
The SLAVE ADDRESS byte (with R/ W = 1) identifying the slave device to be activated
3.
L9961 will output two data bytes
4.
L9961 will output an optional CRC byte covering all the previous bytes
In a block read, MCU can continue reading by clocking additional packets of two data bytes (plus a third CRC
byte optionally generated by L9961). The REGISTER ADDRESS defined at step 3 will be considered as the
starting address, and the memory address counter will be incremented by 1 at every 2 bytes output.
In case REGISTER ADDRESS saturates, L9961 will output 0xFF bytes.
The READ operation terminates with a STOP condition.
3.10.4
Single WRITE/block WRITE
The WRITE operation shall be used for configuring device parameters and sending actuation commands. As the
I2C peripheral implements a clear on write approach, the WRITE operation must also be used to reset any latch
writing a logic ‘1’ to the corresponding bit.
L9961
I2C protocol layer
DS14012 - Rev 3
page 42/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com