Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 18Page - STMicroelectronics L9961 Datasheet HTML 19Page - STMicroelectronics L9961 Datasheet HTML 20Page - STMicroelectronics L9961 Datasheet HTML 21Page - STMicroelectronics L9961 Datasheet HTML 22Page - STMicroelectronics L9961 Datasheet HTML 23Page - STMicroelectronics L9961 Datasheet HTML 24Page - STMicroelectronics L9961 Datasheet HTML 25Page - STMicroelectronics L9961 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 15. NTC measurement parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Pin
VNTC_RANGE
NTC pin voltage input measurement
range
Ratiometric, design info
0.2
VVREG
V
NTC
VNTC_RES
Cell voltage measurement resolution
Design info
0.806
(VVREG/212 )
mV
NTC
NBIT
ADC bit number
Design info
12
bit
NTC
INTC_LEAK
NTC leakage current
ADC not converting
150
nA
NTC
VNTC_GAIN_ERR
NTC gain error
0.2 V ≤ VNTC ≤ VREG
-40 °C< TJ<105 °C
-0.8
+0.8
%
NTC
VNTC_OFFSET_ERR NTC Offset Error
-2
+2
LSB
NTC
VNTC_NOISE
NTC Conversion noise
1
LSB rms
NTC
TTEMP_FILTER
NTC acquisition filter time
Tested by SCAN
0.8
ms
NTC
VNTC_OT_TH
Programmable NTC OT threshold (12 bit)
VNTCOTTH=VNTC_RES*CODE TestedbySCAN 0
VVREG
V
NTC
NNTC_OT_CNT_TH
Programmable NTC OT event counter
threshold (4 bit)
Tested by SCAN
1
15
events
NTC
VNTC_SEVERE_OT_
DELTA_TH
Programmable NTC severe OT threshold
(negative delta in respect to NTC OT
Threshold, 12 bit)
VNTCSEVEREOTTH=VNTCOTTH
−VNTC_RES*CODE
In case of underflow, the
VNTCSEVEREOTTHissaturatedtothe
min specified value
Tested by SCAN
0
VVREG
V
NTC
VNTC_UT_TH
Programmable NTC UT threshold (12 bit)
VNTCUTTH=VNTC_RES*CODE TestedbySCAN 0
VVREG
V
NTC
NNTC_UT_CNT_TH
Programmable NTC UT event counter
threshold (4 bit)
Tested by SCAN
1
15
events
NTC
3.4.4
Die temperature monitor (TJ)
The die temperature step of the voltage conversion routine monitors L9961 junction temperature. This step is
always enabled. The die temperature is encoded according to the following formula:
Die temperature measurement
Tj°C =343.165−0.196*DIE_TEMP_MEAS
(1)
Die temperature measurements are stored in the DIE_TEMP_MEAS register and compared to a programmable
threshold in order to detect the failures listed in Table 18.
L9961
Voltage conversion routine
DS14012 - Rev 3
page 22/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com