Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 11Page - STMicroelectronics L9961 Datasheet HTML 12Page - STMicroelectronics L9961 Datasheet HTML 13Page - STMicroelectronics L9961 Datasheet HTML 14Page - STMicroelectronics L9961 Datasheet HTML 15Page - STMicroelectronics L9961 Datasheet HTML 16Page - STMicroelectronics L9961 Datasheet HTML 17Page - STMicroelectronics L9961 Datasheet HTML 18Page - STMicroelectronics L9961 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
Figure 5. Voltage conversion routine steps
GADG220620221212SA
Cells
NCELLTCELL_FILTER
VB
TCELL_FILTER
NTC
TTEMP_FILTER
Die Temp
TTEMP_FILTER
Table 9. Voltage conversion routine execution parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TMEAS_CYCLE
Programmable voltage
conversion routine execution
period (5 bit)
TMEASCYCLE
=10ms*CODE
-
10
-
310
ms
Task execution period TMEAS_CYCLE, must always be greater than the task duration. In case the task execution
period is programmed shorter than the task duration, this will result in the task being executed with random
periodicity.
Figure 6. Correct management of the task execution periodicity
GADG220620221219SA
TMEAS_CYCLE
TADCV_CONV
TADCV_CONV
TADCV_CONV
TADCV_CONV
Task execution
trigger
time
3.4.1
Cell voltage monitor (Cx)
During cells voltage monitoring step, the voltage conversion routine measures differential voltages at Cx pins and
stores results in VCELL<x> registers. The digital sum of cells is stored in the VCELL_SUM_MEAS register.
A cell is converted only if its corresponding VCELL<x>_EN bit is enabled. By default, all cells are disabled. At
least 3 cells must be enabled in order to guarantee proper operation.
If less than 5 cells are used:
•
Mount the cells starting from the bottom-most (C0-C1)
Measurements are compared to programmable thresholds to detect the failures listed in Table 12.
L9961
Voltage conversion routine
DS14012 - Rev 3
page 15/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com