Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 16Page - STMicroelectronics L9961 Datasheet HTML 17Page - STMicroelectronics L9961 Datasheet HTML 18Page - STMicroelectronics L9961 Datasheet HTML 19Page - STMicroelectronics L9961 Datasheet HTML 20Page - STMicroelectronics L9961 Datasheet HTML 21Page - STMicroelectronics L9961 Datasheet HTML 22Page - STMicroelectronics L9961 Datasheet HTML 23Page - STMicroelectronics L9961 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
Fault type
Assertion condition
IC reaction to
assertion
Release condition
IC reaction to flag
clear
Maskable
VB vs. sum of cells
plausibility fail
If the absolute value
of the difference
between VB_MEAS
and VCELL_SUM is
greater than
VB_VSUM_MAX_DIF
F_TH, the plausibility
check fail is
acknowledged
FUSE pre-driver is
enabled
If the absolute value
of the difference
between VB_MEAS
and VCELL_SUM
falls below the
VB_VSUM_MAX_DIF
F_TH, the
VB_SUM_CHECK_F
AIL flag can be
cleared by MCU
Balancing FETs are
restored to the
status defined by
the corresponding
BAL<x>_ON bit
VB_SUM_CHEC_BA
L_MSK masks
reaction on balancing
FAULTN line is
asserted
FAULTN line is
released
VB_SUM_CHECK_F
AULTN_MSK masks
reaction on FAULTN
pin
3.4.2.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 13. Battery stack monitor external parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VB_RANGE
VB voltage input
measurement range
Design info
4.3
25
V
VB_RES
VB voltage measurement
resolution
Design info
6.1 (25 V/212)
mV
NBIT
ADC bit number
Design info
12
bit
VBERR_1
VB voltage measurement
total
4.3 V<VB<7.5 V
-40 °C< TJ<105 °C
-150
150
mV
VBERR_2
VB voltage measurement
total
7.5 V<VB<22.5 V
-40 °C< TJ<105 °C
-100
100
mV
VBERR_3
VB voltage measurement
total
22.5 V<VB<25 V
-40 °C< TJ<105 °C
-150
150
mV
VB_OV_TH
Programmable VB OV fault
threshold (8 bit)
VBOVTH
=16VB_RES*CODE TestedbySCAN
0
25
V
NVB_OV_CNT_TH
Programmable VB OV event
counter threshold (4 bit)
Tested by SCAN
1
15
events
VB_UV_TH
Programmable VB UV fault
threshold (8 bit)
VBUVTH
=16VB_RES*CODE TestedbySCAN
0
25
V
NVB_UV_CNT_TH
Programmable VB UV event
counter threshold (4 bit)
Tested by SCAN
1
15
events
VB_SUM_MAX_DIFF_TH
Programmable plausibility
check threshold between VB
and sum of cells (8 bit)
Tested by SCAN
0
25
V
3.4.3
Cell temperature monitor (NTC)
The NTC cell temperature monitoring voltage conversion routine monitors pack temperature by sensing the NTC
pin. This function is enabled by programming the NTC_EN bit: if disabled, no conversion occurs.
L9961
Voltage conversion routine
DS14012 - Rev 3
page 20/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com