Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 28Page - STMicroelectronics L9961 Datasheet HTML 29Page - STMicroelectronics L9961 Datasheet HTML 30Page - STMicroelectronics L9961 Datasheet HTML 31Page - STMicroelectronics L9961 Datasheet HTML 32Page - STMicroelectronics L9961 Datasheet HTML 33Page - STMicroelectronics L9961 Datasheet HTML 34Page - STMicroelectronics L9961 Datasheet HTML 35Page - STMicroelectronics L9961 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Fault type
Assertion condition
IC reaction to
assertion
Release
condition
IC reaction to flag
clear
Maskable
Persistent short-circuit
in discharge
If the DCHG FET
is OFF (either
commanded by user
or forced by
diagnostics) and the
ISENSEP – ISENSEM
voltage raises above
VPERSIST_SC_TH, the
PERSIST_SC_DCHG
fault is acknowledged.
Diagnostic is masked
for TPERSIST_SC_BLANK
starting from DCHG
FET OFF event.
FAULTN line is
asserted
If the If the
(ISENSEP –
ISENSEM)
voltage falls
below
VPERSIST_SC_
TH for longer
than
TSC_FILTER,
the
PERSIST_SC
_DCHG flag
can be
cleared by
MCU
FAULTN line is
released
PERSIST_SC_DCHG_
FUSE_MSK masks
reaction on FUSE pin
PERSIST_SC_DCHG_
FAULTN_MSK masks
reaction on FAULTN
pin
3.5.4.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 23. Short-circuit in discharge electrical parameters
Symbol
Parameter
Test
conditions
Min.
Typ.
Max. Unit
VSC_RES
Short-circuit measurement resolution
Design info
2.34 (300 mV/27)
mV
TSC_FILTER
Programmable short-circuit in discharge filter time
(3 bit)
TSCFILTER=32us*2CODE
Tested by
SCAN
32
512
μs
VSC_TH
Programmable short-circuit in discharge threshold
(4 bit)
VSCTH=49.14mV+14.04mV*CODE
50
275
mV
VPERSIST_SC_TH
Programmable persistent short-circuit in discharge
threshold (4 bit)
VSCPERSISTTH=49.14mV+14.04mV*CODE
50
275
mV
VSC_TH_TOL
VSC_TH gain error
-10
+10
%
VSC_TH_OFFSET
VSC_TH offset error
-5
+5
mV
TPERSIST_SC_BLANK Persistent short-circuit in discharge blanking time
224
256
μs
3.6
Cell balancing
L9961 provides passive cell balancing by discharging battery cells through the Cx pins. To activate the balancing
switch on a cell, the corresponding BAL<x>_ON bit must be set. Balancing is inhibited if cell voltage falls below
the balance undervoltage threshold (refer to Section 3.4.1 Cell voltage monitor (Cx)).
Balancing current must be limited to a maximum of IBAL_MAX via cell filtering resistors. It is recommended
balancing only non-adjacent cells. Care must be taken if balancing adjacent cells in order not to violate the
IBAL_MAX constraint.
To allow cell voltage relaxation, balancing is stopped TBAL_SETTLING before running the first step of the
Section 3.4 Voltage conversion routine. It is then automatically re-engaged after the VB step completion.
L9961
Cell balancing
DS14012 - Rev 3
page 32/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com