Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 32Page - STMicroelectronics L9961 Datasheet HTML 33Page - STMicroelectronics L9961 Datasheet HTML 34Page - STMicroelectronics L9961 Datasheet HTML 35Page - STMicroelectronics L9961 Datasheet HTML 36Page - STMicroelectronics L9961 Datasheet HTML 37Page - STMicroelectronics L9961 Datasheet HTML 38Page - STMicroelectronics L9961 Datasheet HTML 39Page - STMicroelectronics L9961 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
3.7.2.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
VB according to the operating range of Table 2; TJ according to the operating range of Table 5.
Table 26. Coulomb counter electrical parameters
Symbol
Parameter
Test conditions Min. Typ. Max. Unit
Pin
IFUSE
Fuse pre-driver pullup current
VFUSE = 0V
50
μA
FUSE
VFUSE_TH
FUSE external activation detection threshold
0.8
1.8
V
FUSE
VFUSE_HYST
FUSE external activation detection threshold hysteresis
0.1
0.5
V
FUSE
TFUSE_FILTER FUSE activation/deactivation digital filter
Tested by SCAN
85
104
120
μs
FUSE
TFUSE_TIMEOUT FUSE fire command timeout in respect to fuse arm event Tested by SCAN 1.6
2
2.3
s
FUSE
RFUSE
FUSE pull down resistance
60
100
150
kΩ
FUSE
L9961
HS/LS pre-drivers (CHG/DCHG/FUSE)
DS14012 - Rev 3
page 36/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com