Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9961
Description  Battery management system solution
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9961 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9961 Datasheet HTML 2Page - STMicroelectronics L9961 Datasheet HTML 3Page - STMicroelectronics L9961 Datasheet HTML 4Page - STMicroelectronics L9961 Datasheet HTML 5Page - STMicroelectronics L9961 Datasheet HTML 6Page - STMicroelectronics L9961 Datasheet HTML 7Page - STMicroelectronics L9961 Datasheet HTML 8Page - STMicroelectronics L9961 Datasheet HTML 9Page - STMicroelectronics L9961 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
2
Product electrical and thermal ratings
2.1
Operating range (OR)
Within the operating range the part operates as specified and without parameter deviations. The device may not
operate properly if maximum operating conditions are exceeded.
Once taken beyond the operative ratings and returned back within, the part will recover with no damage or
degradation, unless the AMR are exceeded.
Additional supply voltage and temperature conditions are given separately at the beginning of each electrical
specification table.
Table 2. Operating ranges
Symbol
Parameter
Min.
Typ.
Max.
Unit
VB
Battery level
4.3
25
V
VCP
Charge pump tank output pin
VB+12 V
V
VCP1P, VCP2P,
VCP1M, VCP2M
Charge pump flying capacitor pin
0
VCP
V
C1, C2, C3, C4
Cell terminal pins
0
VB
V
C5
Cell terminal pins
0
VB+0.6
V
C1, C2, C3, C4, C5
Cell terminal differential Voltage
1
4.7
V
VREG
3.3 V regulated voltage
3.3
V
NTC
Analog input pin
0
VREG
V
OD
Open drain pin
0
VREG
V
SDA, SCL
Digital input pins
0
VREG
V
FAULTN_SAFE, RDY,
FAULTN
Digital output pin
0
VREG
V
WAKEUP
Analog input pin
0
VB
V
NSHIP
Analog input pin
0
VB
V
FUSE
Analog output pin
0
VB
V
VSD
Discharge MOS source
-1
VB+1
V
VSC
Charge MOS source
-1
VB+1
V
CHG
Charge MOS gate
VSC
Min(VCP; VSC + 12
V)
DCHG
Discharge MOS gate
VSD
Min(VCP; VSD + 12
V)
|ISENSEP –
ISENSEM|
CSA input differential mode range
-200
300
mV
(|ISENSEPI +
ISENSEM|) /2
CSA input common mode range
-200
200
mV
GND
Device ground
0
V
TM1
Device ground
0
V
TM_ENTER
Device ground
0
V
C0
Cell terminal voltage
-0.15
0.15 V
V
L9961
Product electrical and thermal ratings
DS14012 - Rev 3
page 6/65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com